Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28A Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82K28A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HT82K28A
6
February 16, 2000
The keyboard should respond within 20ms, ex-
cept when performing the BAT or executing a
reset command.
Command description
· Default disable - F5
¨
Send an acknowledge FA to the system
¨
Clear its output buffer, FIFO
¨
Set the default key types
¨
Set typematic rate/delay as default value
¨
Clear the last typematic key
¨
Stop scanning and wait for further instruc-
tion
· Echo - EE
¨
Send an EE to the system
¨
Continue scanning if the keyboard is en-
abled
Note: This command does not need to feed
back the ACK
· Enable - F4
¨
Send an ACK to the system
¨
Clear output buffer
¨
Clear the last typematic key
¨
Start scanning
· Invalid command
¨
Send an FE to the system
¨
No further activities
Note: No ACK
· Read ID - F2
¨
Send an ACK to the system
¨
Discontinue scanning
¨
2 byte ID-AB, 83
The 2nd byte must follow the completion of
the first byte within 500ms
¨
Resume scanning
System command table
Command
mode 1
mode 2
mode 3
FF - reset
FE - resend
FD - set key type make
FC - set key type make/break
FB - set key type typematic
FA - set all keys typematic/make/break
F9 - set all keys make
F8 - set all keys make/break
F7 - set all keys typematic
F6 - set default
F5 - default disabled
F4 - enable
F3 - set typematic rate/delay
F2 - Read ID
F1 -
F0 - select alternate scan codes
EF -
EE - Echo
ED - set/reset status indicators
y
y
y
y
y
y
y
y
y
y
y
y
y
y
x
y
x
y
y
y
y
y
y
y
y
y
y
y
y
y
y
y
y
x
y
x
y
y
y
y
y
y
y
y
y
y
y
y
y
y
y
y
x
y
x
y
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com