Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K28A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
HT82K28A
Win98 Keyboard Encoder
Pin Assignment
1
February 16, 2000
General Description
The HT82K28A is a keyboard encoder espe-
cially designed for IBM PC/AT, IBM PS/2 and
all compatible machines.
The HT82K28A accepts keyboard inputs and
contains a 16-character first-in-first-out buffer
in which data is stored. An inexpensive RC os-
cillator can be used for the system clock. The
device offers the advantage of simple imple-
mentation in high performance and low cost
keyboard applications.
Features
·
Designed for Windows 95/98/NT
·
Supports 3 Windows 95 Keys
·
Supports Power, Sleep and Wake-up Win-
dows 98 ACPI functions
·
Supports Japanese, Korean and Portuguese
·
Supports Japanese DOS/V 106-key
keyboard
·
Supports code set 1, for PS/2 model
30 keyboard
·
Supports code set 2, for PC/AT, PS/2 model
50,60 keyboards
·
Supports code set 3, for PS/2 model
80 keyboard
·
RC oscillator
·
Phantom key detection
·
Minimal external components
·
Pin-compatible with Holtek HT6547E-2
·
40-pin DIP/DICE form
H T 82K 28A
4 0 D I P
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
C1
C0
DA T A
CL O C K
R1 8
R1 7
NC
R1 6
CA P
NUM
S CRL
R9
R8
R1 5
R1 4
NC
R1 3
R7
R6
R5
OS C 1
VS S
VD D
VS S
IO 0
IO 1
C2
C3
C4
C5
C6
C7
R1 0
R1 1
R1 2
R0
R1
R2
R3
R4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20


Similar Part No. - HT82K28A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
156Kb / 16P
Win98 Keyboard Encoder
June 27, 2002
HT82K28A HOLTEK-HT82K28A_02 Datasheet
156Kb / 16P
Win98 Keyboard Encoder
June 27, 2002
More results

Similar Description - HT82K28A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
KEYBOARD ENCODER
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
List of Unclassifed Man...
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
Keyboard Encoder
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
Keyboard Encoder
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A_02 Datasheet
156Kb / 16P
Win98 Keyboard Encoder
June 27, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com