Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28A Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82K28A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
HT82K28A
7
February 16, 2000
· Resend - FE
¨
Send the last code to the system
Note: * No FA response
· Reset - FF
¨
Disable keyboard
¨
Send an ACK to the system, the keyboard
acknowledges the command with an ACK
and ensures the system accepts the ACK be-
fore executing the command
¨
The system sets CLK=DATA=high for
500ms: acceptance of ACK
¨
The system can issue any command to the
KB within the 500ms period mentioned
above to override FF
¨
If no override, the system performs its BAT
and enters mode 2 (even if it is set to be
mode 3)
· Select alternate scan code - F0
¨
Send an ACK to the system
¨
Clears both output buffer and the typematic
key
¨
Accept option byte
· Set all keys - F7, F8, F9, FA
¨
FA: Set all keys to typematic/make/break
¨
F9: Set all keys to make
¨
F8: Set all keys to make/break
¨
F7: Set all keys to typematic
¨
Send an ACK to the system
¨
Clear output buffer
¨
Set all keys to the type indicated by the com-
mand
· Set default - F6
¨
Send an ACK to the system
¨
Clear the output buffer
¨
Set to default key states: Default key type
typematic rate/delay
· Set key type - FB,FC,FD
¨
FB : Set key type - Typematic
¨
FC : Set key type - Make/Break
¨
FD : Set key type - Make
¨
The keyboard responds with ACK, clears its
output buffer and prepares to receive key
identification
¨
Key identification is accomplished by the
system identifying each key by its scan code
value as defined in scan code set3.
¨
Only scan code set3 values are valid for key
identification
¨
The type of each identified key is set to the
value indicated by the command
¨
These commands can be sent using any
scan code set, but affect only the operation
of scan code set3
· Set LED - ED
¨
Send ACK to the system
¨
Discontinue scanning
¨
Wait for the option from the system
¨
Respond with ACK to the system
¨
Set indicator
¨
If command comes from the system in place
of option, discard the set LED function and
then process the new command
¨
LED default after power on - all off
¨
Set default disable - do not change the LEDs
· Set typematic rate/delay - F3
¨
Send an ACK to the system
¨
Stop scanning
¨
Wait for the system typematic rate and de-
lay
¨
Send an ACK to the system
¨
Set rate/delay
¨
Bit 6,5 delay
¨
Bit 4,3,2,1,0 typematic rate
¨
Bit 7=0 (always)
Delay= (1+bit6,bit5) ´ 250ms
Typematic rate= 1/period
...where period= (8+A) ´ (2^B) ´ 0.00417
...where A= binary value of bit 2, 1 and 0
...where B= binary value of bit 4 and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com