Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K28A Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT82K28A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K28A Datasheet HTML 20Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Timing Diagrams
Data output
Keyboard data input
HT82K28A
16
February 16, 2000
(1 )
(3 )
(4 )
I/O
In h i b i t
2nd
CL K
10t h
CL K
11t h
CL K
D A T A
St a r t B i t
B i t 0
Pa r i t y B i t
St o p B i t
T7
T8
T9
(5 )
( 7 )
CL K
(6 )
T i m i n g P ar am et e r
w h en t h e au x i l i a r y de v i ce s a m p l e s D A T A
T7
D u r a ti o n o f C L K i n a cti v e
T8
D u r a ti o n o f C L K a cti v e
T 9
T i m e f r o m i n a cti v e to a cti v e C L K tr a n s i ti o n , u s e d to ti m e
Mi n / Ma x
1s t
CL K
(2 )
9t h
CL K
(8 )
(5 )
30/ 50 m se c
30/ 50 m se c
5/ 25 m se c
(1 )
( 3 )
(3 )
(3 )
(3 )
( 4 )
1s t
CL K
2nd
CL K
10t h
CL K
11t h
CL K
D A T A
S t a r t B i t
B i t 0
P a r i ty B i t
S t o p B i t
T5
T3
T4
T1
T2
(2 )
(5 ) ( 7 )
CL K
(6 )
T i m i n g P ar am et e r
t h e a u x i l i a r y dev i ce d oes not s t a r t a not he r t r an s m i s s i o n
T1
D A T A t r a ns i t i o n t o t he f a l l i ng e dge o f C L K
T2
R i s i n g edg e of C LK t o D A T A t r a n s i t i o n
T3
D u r a ti o n o f C L K i n a cti v e
T4
D u r a ti o n o f C L K a cti v e
T5
T i m e to a u x i l i a r y d e v i c e i n h i b i t a fte r cl o ck 1 1 to e n s u r e
Mi n / Ma x
5/ T 4 - 5 m se c
5/ 25 m se c
30/ 5 0 m se c
> 0 / 50 m se c
30/ 5 0 m se c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com