Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF36077 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # ATF36077
Description  2-18 GHz Ultra Low Noise Pseudomorphic HEMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF36077 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  ATF36077 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5-78
ATF-36077 Typical Noise Parameters,
Common Source, ZO = 50 Ω, VDS = 1.5 V, ID = 10 mA
Freq.
Fmin[1]
Γ
opt
Rn/Zo
GHz
dB
Mag.
Ang.
-
1
0.30
0.95
12
0.40
2
0.30
0.90
25
0.20
4
0.30
0.81
51
0.17
6
0.30
0.73
76
0.13
8
0.37
0.66
102
0.09
10
0.44
0.60
129
0.05
12
0.50
0.54
156
0.03
14
0.56
0.48
-174
0.02
16
0.61
0.43
-139
0.05
18
0.65
0.39
-100
0.09
Note:
1. The Fmin values at 2,4, and 6 GHz have been adjusted to reflect expected circuit losses
that will be encountered when matching to the optimum reflection coefficient (
Γ
opt) at
these frequencies. The theoretical Fmin values for these frequencies are: 0.10 dB at
2 GHz, 0.20 dB at 4 GHz, and 0.29 dB at 6 GHz. Noise parameters are derived from
associated s parameters, packaged device measurements at 12 GHz, and die level
measurements from 6 to 18 GHz.
Part Number Ordering Information
Part Number
No. of Devices
Container
ATF-36077-TRl[2]
1000
7" Reel
ATF-36077-STR
10
strip
Note:
2. For more information, see “Tape and Reel Packaging for Semiconductor Devices,” in
“Communications Components” Designer‘s Catalog.
77 Package Dimensions
Figure 2. Maximum Available Gain,
Maximum Stable Gain and Insertion
Power Gain vs. Frequency. VDS = 1.5 V,
ID = 10 mA.
0
25
0
FREQUENCY (GHz)
816
20
20
15
10
5
4
12
S21
MSG MAG
1.02
(0.040)
.51
(0.020)
1.78
(0.070)
1.22
(0.048)
.53
(0.021)
5.28
(0.208)
.10
(0.004)
TYPICAL DIMENSIONS ARE IN MILLIMETERS (INCHES).
4
2
13
GATE
DRAIN
SOURCE
SOURCE
1.75
(0.069)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com