Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF36077 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ATF36077
Description  2-18 GHz Ultra Low Noise Pseudomorphic HEMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF36077 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ATF36077 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5-76
ATF-36077 Electrical Specifications,
TC = 25°C, ZO = 50 Ω, Vds = 1.5 V, Ids = 10 mA, (unless otherwise noted).
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
NF
Noise Figure[1]
f = 12.0 GHz
dB
0.5
0.6
GA
Gain at NF[1]
f = 12.0 GHz
dB
11.0
12.0
gm
Transconductance
VDS = 1.5 V, VGS = 0 V
mS
50
55
Idss
Saturated Drain Current
VDS = 1.5 V, VGS = 0 V
mA
15
25
45
Vp10%
Pinch-off Voltage
VDS = 1.5 V, IDS = 10% of Idss
V
-1.0
-0.35
-0.15
Note:
1. Measured in a fixed tuned environment with
Γ source = 0.54 at 156°; Γ load = 0.48 at 167°.
Thermal Resistance[2,3]:
θ
ch-c = 60°C/W
Notes:
1. Operation of this device above any one
of these parameters may cause
permanent damage.
2. Measured at Pdiss = 15 mW and
Tch = 100°C.
3. Derate at 16.7 mW/
°C for T
C > 139°C.
ATF-36077 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VDS
Drain – Source Voltage
V
+3
VGS
Gate – Source Voltage
V
-3
VGD
Gate-Drain Voltage
V
-3.5
ID
Drain Current
mA
Idss
PT
Total Power Dissipation[3]
mW
180
Pin max
RF Input Power
dBm
+10
Tch
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
ATF-36077 Characterization Information,
TC = 25°C, ZO = 50 Ω, Vds = 1.5 V, Ids = 10 mA, (unless otherwise noted).
Symbol
Parameters and Test Conditions
Units
Typ.
NF
Noise Figure (Tuned Circuit)
f = 4 GHz
dB
0.3[2]
f = 12 GHz
dB
0.5
GA
Gain at Noise Figure (Tuned Circuit)
f = 4 GHz
dB
17
f = 12 GHz
dB
12
S12 off
Reverse Isolation
f = 12 GHz, VDS = 1.5 V, VGS = -2 V
dB
14
P1dB
Output Power at 1 dB Gain Compression
f = 4 GHz
dBm
5
f = 12 GHz
dBm
5
VGS 10 mA
Gate to Source Voltage for IDS = 10 mA
VDS = 1.5 V
V
-0.2
Note:
2. See noise parameter table.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com