Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF36077 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # ATF36077
Description  2-18 GHz Ultra Low Noise Pseudomorphic HEMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF36077 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  ATF36077 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-75
1
GATE
3
DRAIN
2
SOURCE
4
SOURCE
ATF-36077
2–18 GHz Ultra Low Noise
Pseudomorphic HEMT
Technical Data
Features
• PHEMT Technology
• Ultra-Low Noise Figure:
0.5 dB Typical at 12 GHz
0.3 dB Typical at 4 GHz
• High Associated Gain:
12 dB Typical at 12 GHz
17 dB Typical at 4 GHz
• Low Parasitic Ceramic
Microstrip Package
• Tape-and-Reel Packing
Option Available
Applications
• 12 GHz DBS LNB (Low Noise
Block)
• 4 GHz TVRO LNB (Low Noise
Block)
• Ultra-Sensitive Low Noise
Amplifiers
Figure 1. ATF-36077 Optimum Noise
Figure and Associated Gain vs.
Frequency for VDS = 1.5 V, ID = 10 mA.
Pin Configuration
77 Package
0
0
FREQUENCY (GHz)
816
20
1.2
0.8
0.4
4
12
Ga
NF
10
15
20
25
[1]
Note: 1. See Noise Parameter Table.
Description
Hewlett-Packard’s ATF-36077 is
an ultra-low-noise Pseudomorphic
High Electron Mobility Transistor
(PHEMT), packaged in a low
parasitic, surface-mountable
ceramic package. Properly
matched, this transistor will
provide typical 12 GHz noise
figures of 0.5 dB, or typical 4 GHz
noise figures of 0.3 dB. Addition-
ally, the ATF-36077 has very low
noise resistance, reducing the
sensitivity of noise performance
to variations in input impedance
match, making the design of
broadband low noise amplifiers
much easier. The premium
sensitivity of the ATF-36077
makes this device the ideal choice
for use in the first stage of
extremely low noise cascades.
The repeatable performance and
consistency make it appropriate
for use in Ku-band Direct Broad-
cast Satellite (DBS) Television
systems, C-band Television
Receive Only (TVRO) LNAs, or
other low noise amplifiers
operating in the 2-18 GHz
frequency range.
This GaAs PHEMT device has a
nominal 0.2 micron gate length
with a total gate periphery (width)
of 200 microns. Proven gold based
metalization systems and nitride
passivation assure rugged, reliable
devices.
5965-8726E


Similar Part No. - ATF36077

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF35076 HP-ATF35076 Datasheet
1Mb / 3P
2-18 GHz Low Noise Pseudomorphic HEMT
ATF35143 HP-ATF35143 Datasheet
195Kb / 19P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF36077

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-36163 HP-ATF-36163 Datasheet
96Kb / 10P
1.5-18 GHz Surface Mount Pseudomorphic HEMT
ATF35076 HP-ATF35076 Datasheet
1Mb / 3P
2-18 GHz Low Noise Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163 Datasheet
177Kb / 10P
1.5-18 GHz Surface Mount Pseudomorphic HEMT
ATF-36077-TR1 AVAGO-ATF-36077-TR1 Datasheet
125Kb / 4P
2??8 GHz Ultra Low Noise Pseudomorphic HEMT
ATF-541M4 AVAGO-ATF-541M4 Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-36077 AVAGO-ATF-36077 Datasheet
125Kb / 4P
2??8 GHz Ultra Low Noise Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-38143 BOARDCOM-ATF-38143 Datasheet
377Kb / 12P
Low Noise Pseudomorphic HEMT
ATF-54143 BOARDCOM-ATF-54143 Datasheet
142Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
Low Noise Enhancement Mode Pseudomorphic HEMT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com