Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF36077 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ATF36077
Description  2-18 GHz Ultra Low Noise Pseudomorphic HEMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF36077 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF36077 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF36077 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-77
ATF-36077 Typical Scattering Parameters,
Common Source, ZO = 50 Ω, VDS = 1.5 V, ID = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
1.0
0.99
-17
14.00
5.010
163
-36.08
0.016
78
0.60
-14
2.0
0.97
-33
13.81
4.904
147
-30.33
0.030
66
0.59
-28
3.0
0.94
-49
13.53
4.745
132
-27.25
0.043
54
0.57
-41
4.0
0.90
-65
13.17
4.556
116
-25.32
0.054
43
0.55
-54
5.0
0.86
-79
12.78
4.357
102
-24.04
0.063
33
0.53
-66
6.0
0.82
-93
12.39
4.162
88
-23.17
0.069
24
0.50
-78
7.0
0.78
-107
12.00
3.981
75
-22.58
0.074
16
0.48
-89
8.0
0.75
-120
11.64
3.820
62
-22.17
0.078
8
0.46
-99
9.0
0.72
-133
11.32
3.682
49
-21.90
0.080
1
0.44
-109
10.0
0.69
-146
11.04
3.566
37
-21.71
0.082
-6
0.42
-119
11.0
0.66
-159
10.81
3.473
25
-21.57
0.083
-13
0.40
-129
12.0
0.63
-172
10.63
3.401
13
-21.44
0.085
-19
0.38
-139
13.0
0.61
175
10.50
3.349
1
-21.32
0.086
-25
0.37
-149
14.0
0.60
161
10.41
3.315
-12
-21.19
0.087
-32
0.35
-160
15.0
0.58
147
10.36
3.296
-24
-21.04
0.089
-39
0.33
-171
16.0
0.57
131
10.34
3.289
-37
-20.87
0.091
-47
0.31
177
17.0
0.56
114
10.34
3.289
-50
-20.69
0.092
-55
0.29
164
18.0
0.57
97
10.35
3.291
-64
-20.53
0.094
-65
0.26
148
ATF-36077 Typical “Off” Scattering Parameters,
Common Source, ZO = 50 Ω, VDS = 1.5 V, ID = 0 mA, VGS = -2 V
Freq.
S11
S21
S21
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
11.0
0.96
-139
-14.2
0.19
-43
-14.2
0.19
-43
0.97
-125
12.0
0.95
-152
-14.0
0.20
-56
-14.0
0.20
-56
0.97
-137
13.0
0.94
-166
-13.8
0.20
-69
-13.8
0.20
-68
0.96
-149



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com