Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-2416 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDLA-2416 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
V
DD
4.5
5.0
5.5
V
Electrical Characteristics over Operating Temperature Range
4.5 < V
DD
< 5.5 V (unless otherwise specified)
All Devices
25
°C[1]
Parameter
Symbol
Min.
Typ.
Max.
Max.
Units
Test Conditions
I
DD
Blank
I
DD
(blnk)
1.0
4.0
mA
All Digits Blanked
Input Current
I
I
-40
10
µAV
IN
= 0 V to V
DD
V
DD
= 5.0 V
Input Voltage High
V
IH
2.0
V
DD
V
Input Voltage Low
V
IL
GND
0.8
V
HDLO/HDLA/HDLY/HDLG-2416
25
°C[1]
Parameter
Symbol
Min.
Typ.
Max.
Max.
Units
Test Conditions
I
DD
4 digits
I
DD
(#)
110
130
160
mA
"#" ON in all four
20 dots/character[2, 3]
locations
I
DD
Cursor all
I
DD
(CU)
92
110
135
mA
Cursor ON in all
dots ON @ 50%
four locations
Notes:
1. V
DD
= 5.0 V
2. Average I
DD
measured at full brightness. Peak I
DD
= 28/15 x Average I
DD
(#).
3. I
DD
(#) max. = 130 mA for HDLO/HDLA/HDLY/HDLG-2416, 146 mA for HDLR/HDLS-2416, and 42 mA for HDLU-2416 at default
brightness, 150
°C IC junction temperature and V
DD
= 5.5 V.
HDLS/HDLU-2416
25
°C[1]
Part Number
Parameter
Symbol
Typ.
Max.
Max.
Units
Test Conditions
HDLS-2416
I
DD
4 digits
I
DD
(#)
125
146
180
mA
Four "#" ON in
20 dots/character[2,3]
all four locations
HDLU-2416
34
42
52
HDLS-2416
I
DD
Cursor all dots
I
DD
(CU)
105
124
154
mA
Four cursors ON
ON @ 50%
in all four locations
HDLU-2416
29
36
45
HDLR-2416
25
°C[1]
Parameter
Symbol
Min.
Typ.
Max.
Max.
Units
Test Conditions
I
DD
4 digits
I
DD
(#)
125
146
180
mA
"#" ON in all four
20 dots/character[2,3]
locations
I
DD
Cursor
I
DD
(CU)
105
124
154
mA
Cursor ON in all
all dots ON @ 50%
four locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com