Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-2416 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDLA-2416 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Four Character 5.0 mm
(0.2 inch) Smart
5 x 7 Alphanumeric Displays
Technical Data
Description
These are 5.0 mm (0.2 inch) four
character 5 x 7 dot matrix
displays driven by an on-board
CMOS IC. These displays are pin
for pin compatible with the
HPDL-2416. The IC stores and
decodes 7 bit ASCII data and
displays it using a 5 x 7 font.
Multiplexing circuitry, and
drivers are also part of the IC.
The IC has fast setup and hold
times which makes it easy to
interface to a microprocessor.
Features
• Enhanced Drop-in Replace-
ment to HPDL-2416
• Smart Alphanumeric
Display
Built-in RAM, ASCII Decoder,
and LED Drive Circuitry
• CMOS IC for Low Power
Consumption
• Software Controlled
Dimming Levels and Blank
• 128 ASCII Character Set
• End-Stackable
• Categorized for Luminous
Intensity; Yellow and
Green Categorized for
Color
• Low Power and Sunlight
Viewable AlGaAs Versions
• Wide Operating
Temperature Range
-40
°C to +85°C
• Excellent ESD Protection
• Wave Solderable
• Wide Viewing Angle
(50° typ)
Devices:
Standard Red
AlGaAs Red
High Efficiency Red
Orange
Yellow
Green
HDLR-2416
HDLS-2416
HDLO-2416
HDLA-2416
HDLY-2416
HDLG-2416
HDLU-2416
Absolute Maximum Ratings
Supply Voltage, V
DD
to Ground[1] ..................................... -0.5 V to 7.0 V
Input Voltage, Any Pin to Ground .......................... -0.5 V to V
DD
+ 0.5 V
Free Air Operating Temperature Range, T
A ................
-40
°C to +85°C
Storage Temperature, T
S ........................................
-40
°C to 100°C
CMOS IC Junction Temperature, T
J
(IC) ................................... +150
°C
Relative Humidity (non-condensing) at 65
°C ................................... 85%
Maximum Solder Temperature, 1.59 mm
(0.063 in.) below Seating Plane, t
< 5 sec. ............................... 260°C
ESD Protection, R = 1.5 k
Ω, C = 100 pF ............. V
Z
= 2 kV (each pin)
Note:
1. Maximum Voltage is with no LEDs illuminated.
HDLX-2416 Series
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED WITH
THE HDLX-2416


Similar Part No. - HDLA-2416

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDLA-2416 AVAGO-HDLA-2416 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLA-2416 BOARDCOM-HDLA-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
More results

Similar Description - HDLA-2416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDSP-2000 HP-HDSP-2000 Datasheet
491Kb / 5P
FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2490 HP-HDSP-2490 Datasheet
276Kb / 5P
FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com