Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-2416 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HDLA-2416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Table 1. Current Requirements at Different Brightness Levels
Symbol
D
5
D
4
D
3
Brightness
25
°C Typ. 25°C Max.
Max. over Temp.
Units
I
DD
(#)
0
0
0
100%
110
130
160
mA
0
0
1
60%
66
79
98
mA
0
1
0
40%
45
53
66
mA
0
1
1
27%
30
37
46
mA
1
0
0
17%
20
24
31
mA
1
0
1
10%
12
15
20
mA
1
1
0
7%
9
11
15
mA
11
1
3%
4
6
9
mA
EFD
MB
DBD
n
BL
0
0
0
0
Display Blanked by BL
0
0
X
1
Display ON
Display Blanked by BL. Individual characters
0X
1
0
"ON" based on "1" being stored in DBD
n
0
1
0
X
Display Blanked by MB
Display Blanked by MB. Individual characters
0
111
"ON" based on "1" being stored in DBD
n
1
X
X
0
Display Blanked by BL
1
X
X
1
Display ON
Figure 3. Display Blanking Truth Table
Bits 3-5 in the Control Register
provide internal brightness
control. These bits are interpreted
as a three bit binary code, with
code (000) corresponding to the
maximum brightness and code
(111) to the minimum brightness.
In addition to varying the display
brightness, bits 3-5 also vary the
average value of I
DD
. I
DD
can be
specified at any brightness level as
shown in Table 1.
strobing the blank input). All of
these blanking modes affect only
the output drivers, maintaining the
contents and write capability of
the internal RAMs and Control
Register, so that normal loading of
RAMs and Control Register can
take place even with the display
blanked.
Figure 3 shows how the Extended
Function Disable (bit D
6
of the
Control Register), Master Blank
(bit D
2
of the Control Register),
Digit Blank Disable (bit D
1
of the
Attribute RAM), and BL input can
be used to blank the display.
When the Extended Function
Disable is a logic 1, the display
can be blanked only with the BL
input. When the Extended
Function Disable is a logic 0, the
display can be blanked through
the BL input, the Master Blank,
and the Digit Blank Disable. The
entire display will be blanked if
either the BL input is logic 0 or
the Master Blank is logic 1,
providing all Digit Blank Disable
bits are logic 0. Those digits with
Digit Blank Disable bits a logic 1
will ignore both blank signals and
remain ON. The Digit Blank
Disable bits allow individual
characters to be blanked or
flashed in synchronization with the
BL input.
Dimming
Dimming of the display is con-
trolled through either the BL input
or the Control Register. A pulse
width modulated signal can be
applied to the BL input to dim the
display. A three bit word in the
Control Register generates an
internal pulse width modulated
signal to dim the display. The
internal dimming feature is
enabled only if the Extended
Function Disable is a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com