Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-2416 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDLA-2416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDLA-2416 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
CUE
BL
CLR
CE
1
CE
2
WR
CU
A
1
A
0
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Function
01
1
Display ASCII
11
1
Display Stored Cursor
XX
XXXX
X
XXX
X
X
X
XX
0
Reset RAMs
Blank Display but do not reset
X0
1
RAMS and Control Register
Extended
Intensity
Master
Digit
Digit
Write to Attribute RAM
0
0
0
Functions
Control
Blank
Blank
Cursor
and Control Register
Disable
Disable 0
0
0 =
000 = 100%*
0 =
Digit
Digit
DBD
n = 0, Allows Digit n to be
0
0
1
Enable
001 = 60%
Display
Blank
Cursor
blanked
D
1-D5
010 = 40%
ON
Disable 1
1
011 = 27%
DBD
n = 1 Prevents Digit n
X
X
1
0
0
0
1 =
100 = 17%
1 =
Digit
Digit
from being blanked.
0
1
0
Disable
101 = 10%
Display
Blank
Cursor
D
1-D5
110 = 7%
Blanked
Disable 2
2
DC
n = 0 Removes cursor from
111 = 3%
Digit n
D
0
Digiit
Digit
0
1
1
Always
Blank
Cursor
DC
n = 1 Stores cursor at
Enabled
Disable 3
3
Digit n
1
0
0
Digit 0 ASCII Data (Right Most Character)
1
0
1
Digit 1 ASCII Data
XX
1
0
0
0
Write to Character RAM
1
1
0
Digit 2 ASCII Data
1
1
1
Digit 3 ASCII Data (Left Most Character)
1X
X
X
X
1
X
1
X
X
X
X
X
X
X
X
X
X
X
No Change
XX
1
Display Clear
Data stored in the Character
RAM, Control Register, and
Attribute RAM will be cleared if
the clear (CLR) is held low for a
minimum of 10
µs. Note that the
display will be cleared regardless
of the state of the chip enables
(CE
1
, CE
2
). After the display is
cleared, the ASCII code for a
space (20hex) is loaded into all
character RAM locations and
00hex is loaded into all Attribute
RAM/Control Register memory
locations.
Data Entry
Figure 2 shows a truth table for
the HDLX-2416 display. Setting
the chip enables (CE
1
, CE
2
) to
logic 0 and the cursor select (CU)
to logic 1 will enable ASCII data
loading. When cursor select (CU)
is set to logic 0, data will be
loaded into the Control Register
and Attribute RAM. Address
inputs A
0
-A
1
are used to select the
digit location in the display. Data
inputs D
0
-D
6
are used to load
information into the display. Data
will be latched into the display on
the rising edge of the WR signal.
D
0
-D
6
, A
0
-A
1
, CE
1
, CE
2
, and CU
must be held stable during the
write cycle to ensure that correct
data is stored into the display.
Data can be loaded into the
display in any order. Note that
when A
0
and A
1
are logic 0, data is
stored in the right most display
location.
Cursor
When cursor enable (CUE) is a
logic 1, a cursor will be displayed
in all digit locations where a logic
1 has been stored in the Digit
Cursor memory in the Attribute
RAM. The cursor consists of all
35 dots ON at half brightness. A
flashing cursor can be displayed
by pulsing CUE. When CUE is a
logic 0, the ASCII data stored in
the Character RAM will be dis-
played regardless of the Digit
Cursor bits.
Blanking
Blanking of the display is con-
trolled through the BL input, the
Control Register and Attribute
RAM. The user can achieve a
variety of functions by using these
controls in different combinations,
such as full hardware display
blank, software blank, blanking of
individual characters, and syn-
chronized flashing of individual
characters or entire display (by
Figure 2. Display Truth Table
0 = Logic 0; 1 = Logic 1; X = Do Not Care; * 000 = 27% for HDLU-2416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com