Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8563LB Datasheet(PDF) 3 Page - NEC

Part # NX8563LB
Description  1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8563LB Datasheet(HTML) 3 Page - NEC

  NX8563LB Datasheet HTML 1Page - NEC NX8563LB Datasheet HTML 2Page - NEC NX8563LB Datasheet HTML 3Page - NEC NX8563LB Datasheet HTML 4Page - NEC NX8563LB Datasheet HTML 5Page - NEC NX8563LB Datasheet HTML 6Page - NEC NX8563LB Datasheet HTML 7Page - NEC NX8563LB Datasheet HTML 8Page - NEC NX8563LB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet P13854EJ3V0DS00
3
NX8501 Series
ORDERING INFORMATION
Part Number
Available Connector
Flange Type
Fiber Type
NX8501AC
Without Connector
No Flange
NX8501AC-BA
With FC-PC Connector
NX8501AC-CA
With SC-PC Connector
NX8501BC
Without Connector
Flat Mount Flange
NX8501BC-BA
With FC-PC Connector
NX8501BC-CA
With SC-PC Connector
NX8501CC
Without Connector
Vertical Flange
NX8501CC-BA
With FC-PC Connector
NX8501CC-CA
With SC-PC Connector
φ250 µm Corning
SMF-28 with loose tube
*1
NX8501AG
Without Connector
No Flange
NX8501AG-BA
With FC-PC Connector
NX8501AG-CA
With SC-PC Connector
NX8501BG
Without Connector
Flat Mount Flange
NX8501BG-BA
With FC-PC Connector
NX8501BG-CA
With SC-PC Connector
NX8501CG
Without Connector
Vertical Flange
NX8501CG-BA
With FC-PC Connector
NX8501CG-CA
With SC-PC Connector
Standard SMF
*1 Please refer to OPTICAL FIBER DIMENSIONS.
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Optical Output Power from Fiber
Pf
5mW
Forward Current of LD
IF
200
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
0 to +65
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature (10 s)
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com