Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8563LB Datasheet(PDF) 4 Page - NEC

Part # NX8563LB
Description  1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8563LB Datasheet(HTML) 4 Page - NEC

  NX8563LB Datasheet HTML 1Page - NEC NX8563LB Datasheet HTML 2Page - NEC NX8563LB Datasheet HTML 3Page - NEC NX8563LB Datasheet HTML 4Page - NEC NX8563LB Datasheet HTML 5Page - NEC NX8563LB Datasheet HTML 6Page - NEC NX8563LB Datasheet HTML 7Page - NEC NX8563LB Datasheet HTML 8Page - NEC NX8563LB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P13854EJ3V0DS00
4
NX8501 Series
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +65
°°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VF
Pf = 2.0 mW, TC = 25
°C1.6
2.0
V
Operating Current
Iop
Pf = 2.0 mW
80
100
mA
Threshold Current
Ith
Pf = 0.2 to 1.0 mW, TC = 25
°C20
30
mA
Differential Efficiency from Fiber
ηd
Pf = 2.0 mW
0.04
0.08
W/A
Peak Emission Wavelength
λp
Pf = 2.0 mW
1 500
1 510
1 520
nm
Side Mode Suppression Ratio
SMSR
Pf = 2.0 mW
30
35
dB
Spectral Line Width
∆ν
Pf = 2.0 mW, 3 dB down, TC = 25
°C2
10
MHz
Relative Intensity Noise
RIN
Pf = 2.0 mW, TC = 25
°C
−155
−150
dB/Hz
Rise Time
tr
10-90 %, TC = 25
°C, Pf = 2.0 mW
0.3
0.5
ns
Fall Time
tf
90-10 %, TC = 25
°C, Pf = 2.0 mW
0.3
0.5
ns
Monitor Current
Im
VR = 5 V, Pf = 2.0 mW, TC = 25
°C
100
1 000
2 000
µA
Monitor Dark Current
ID
VR = 5 V, TC = 25
°C10
nA
Tracking Error
γ
*1
Im = const. (@ Pf = 2.0 mW, TC = 25
°C)
−1.0
1.0
dB
*1
γ = 10 log
Pf
2.0 mW
Pf
(mW)
2.0
Pf
0
Im
Im
TC = 25 ˚C
TC = 0 to +65 ˚C
(@ Pf (25 ˚C) = 2.0 mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com