Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8563LB Datasheet(PDF) 5 Page - NEC

Part # NX8563LB
Description  1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8563LB Datasheet(HTML) 5 Page - NEC

  NX8563LB Datasheet HTML 1Page - NEC NX8563LB Datasheet HTML 2Page - NEC NX8563LB Datasheet HTML 3Page - NEC NX8563LB Datasheet HTML 4Page - NEC NX8563LB Datasheet HTML 5Page - NEC NX8563LB Datasheet HTML 6Page - NEC NX8563LB Datasheet HTML 7Page - NEC NX8563LB Datasheet HTML 8Page - NEC NX8563LB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P13854EJ3V0DS00
5
NX8501 Series
TYPICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
0.04
0.08
0.12
0.16
0.20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
10
020
30
40
50
60
0.5
1.0
1.5
1 500
1 510
1 520
0
0
10
20
30
40
50
60
10
20
30
40
50
60
70
–10
0
10
2030
4050
60
70
0.5
0
10
–70
–60
–50
–40
–30
–20
–10
0
20
40
30
50
1.0
1.5
2.0
–10
OUTPUT POWER FROM FIBER vs.
FORWARD CURRENT
Forward Current IF (mA)
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
Ith
Iop@Pf = 2.0 mW
TC = 0 ˚C
25 ˚C
65 ˚C
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY FROM FIBER
Case Temperature TC (˚C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
OUTPUT POWER FROM FIBER vs.
LD MONITOR CURRENT
LD Monitor Current Im (mA)
LONGITUDINAL MODE FROM FIBER
Wavelength
λ (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com