Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8563LB Datasheet(PDF) 1 Page - NEC

Part # NX8563LB
Description  1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8563LB Datasheet(HTML) 1 Page - NEC

  NX8563LB Datasheet HTML 1Page - NEC NX8563LB Datasheet HTML 2Page - NEC NX8563LB Datasheet HTML 3Page - NEC NX8563LB Datasheet HTML 4Page - NEC NX8563LB Datasheet HTML 5Page - NEC NX8563LB Datasheet HTML 6Page - NEC NX8563LB Datasheet HTML 7Page - NEC NX8563LB Datasheet HTML 8Page - NEC NX8563LB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
Document No. P13854EJ3V0DS00 (3rd edition)
Date Published March 1999 NS CP(K)
Printed in Japan
1 510 nm OPTICAL FIBER COMMUNICATIONS
InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
LASER DIODE
NX8501 Series
The mark
• shows major revised points.
DESCRIPTION
The NX8501 Series is a 1 510 nm phase-shifted DFB (Distributed Feed-Back) laser diode with single mode fiber.
The Multiple Quantum Well (MQW) structure is adopted to achieve stable dynamic single longitudinal mode operation
over wide temperature range of 0 to +65
°C.
It is designed for on-line monitoring of dense WDM fiber-optic networks.
FEATURES
• Peak wavelength
λp = 1 510 nm
• Output power
Pf = 2.0 mW
• Low threshold current
Ith = 20 mA @ TC = 25
°C
• Wide operating temperature range
TC = 0 to +65
°C
• InGaAs monitor PIN-PD
• Based on Bellcore TA-NWT-000983
NX8501BC
NX8501CC
SM-9/125
Length: 1 m
7±0.2
3.2±0.25
6±0.1
0.45±0.05
0.9
4
1
3
2
PD
LD
7±0.2
P.C.D. = 2
SM-9/125
Length: 1 m
6±1.0
6±1.0
12.7±0.2
17.0±0.2
4
1
3
2
PD
LD
0.45±0.05
3.2±0.25
43
2
1
P.C.D. = 2
43
2
1
0.9
P.C.D. = 2
SM-9/125
Length: 1 m
16
2– 2.5
12±0.15
3
2
PD
4
1
LD
16.0
4
3
2
1
NX8501AC
PACKAGE DIMENSIONS
in millimeters
PIN CONNECTIONS
PIN CONNECTIONS
PIN CONNECTIONS
Case
Case
Case
Optical Fiber
Optical Fiber
Optical Fiber
7±0.2
4– 0.45
±0.05
3.2±0.25
0.9


Similar Part No. - NX8563LB

ManufacturerPart #DatasheetDescription
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
61Kb / 8P
1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NX8563LB NEC-NX8563LB Datasheet
66Kb / 8P
1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
California Eastern Labs
NX8563LB CEL-NX8563LB Datasheet
249Kb / 7P
Nec CW In GaAsP MQW DFB LASER DIODE MODULE
More results

Similar Description - NX8563LB

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX7660JC NEC-NX7660JC Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
logo
California Eastern Labs
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com