Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2C
Description  Miniature Inductive Prox
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2C Datasheet HTML 1Page - Omron Electronics LLC E2C Datasheet HTML 2Page - Omron Electronics LLC E2C Datasheet HTML 3Page - Omron Electronics LLC E2C Datasheet HTML 4Page - Omron Electronics LLC E2C Datasheet HTML 5Page - Omron Electronics LLC E2C Datasheet HTML 6Page - Omron Electronics LLC E2C Datasheet HTML 7Page - Omron Electronics LLC E2C Datasheet HTML 8Page - Omron Electronics LLC E2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
3
E2C
E2C
s AMPLIFIERS
Track-Mount Types
Size
Prewired
Screw terminal
Applicable sensors
E2C-CR8A, E2C-X1A, E2C-C1A
E2C-CR8A, E2C-X1A,
E2C-X1R5A, E2C-X2A
E2C-C1A, E2C-X1R5A
Supply voltage
10 to 30 VDC,
Output type
NPN with alarm output
Open collector NPN and PNP
Part number
E2C-JC4AP
E2C-WH4AF
Description
Part number
Fits M5 size sensors (supplied with each sensor)
M5-MHWS
Fits M8 size sensors (supplied with each sensor)
M8-MHWS
Fits M12 size sensors (supplied with each sensor)
M12-MHWS
Fits M18 size sensors (supplied with each sensor)
M18-MHWS
Fits M30 size sensors (supplied with each sensor)
M30-MHWS
Mounting hardware
includes one
pair of metal
nuts and washers
s REPLACEMENT PARTS
Description
Part number
Mounting brackets
Fits 3.5 mm and 3.8 mm dia. unthreaded sensor
Y92E-F3R5
Fits M8 size threaded sensor
Y92E-B8
Fits M12 size threaded sensor
Y92E-B12
Fits M18 size threaded sensor
Y92E-B18
Fits M30 size threaded sensor
Y92E-B30
Sockets for
E2C-AK4A
Bottom surface or track mounting, top screw terminals
P2CF-11
Panel mounting, bottom solder terminal
PL11
Back mounting, for use with Y92F-30 mounting adapter, bottom screw terminals P3G-11
E2C-AM4A
Bottom surface or track mounting, top screw terminals
P2CF-08
Panel mounting, bottom solder terminals
PL08
Back mounting, for use with Y92F-30 mounting adapter, bottom screw terminals P3G-08
E2C-G❑4❑
Bottom surface or track mounting, top screw terminals
PYF08A-E
Panel mounting, bottom solder terminals
PY08
Bottom surface mounting, bottom screw terminals
PYF08M
Panel mounting adapters
Fits behind panel; ideal for side by side installation.
Y92F-30
for E2C-A❑4A amplifiers
Use P2CF-❑❑ sockets.
Installs through panel front; amplifier face fits bezel, rear of amplifier clips
Y92F-70
to adapter. Use P3G-❑❑ sockets. Charcoal gray.
Protective covers
Hard plastic cover; not for use with Y92F-70 panel adapter
Y92A-48
Soft plastic cover; not for use with Y92F-70 panel adapter
Y92A-48D
Mounting track
DIN rail, 50 cm (1.64 ft) length
PFP-50N
DIN rail, 1 m (3.28 ft) length
PFP-100N
End plate
PFP-M
Spacer
PFP-S
for sensors
amplifiers
amplifier
amplifier
amplifiers
for E2C-A❑4A amplifiers
s ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com