Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2C Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E2C
Description  Miniature Inductive Prox
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E2C Datasheet HTML 2Page - Omron Electronics LLC E2C Datasheet HTML 3Page - Omron Electronics LLC E2C Datasheet HTML 4Page - Omron Electronics LLC E2C Datasheet HTML 5Page - Omron Electronics LLC E2C Datasheet HTML 6Page - Omron Electronics LLC E2C Datasheet HTML 7Page - Omron Electronics LLC E2C Datasheet HTML 8Page - Omron Electronics LLC E2C Datasheet HTML 9Page - Omron Electronics LLC E2C Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
7
E2C
E2C
s AMPLIFIERS
Amplifier
Sensor
Differential travel
part
part
(% of detecting distance)
At minimum
At maximum
detecting
detecting
distance
distance
E2C-G❑4A
E2C-CR8A,8B
2.0 to 4.7%,
3.8 to 6.0%,
fixed
fixed
E2C-X1A
0.9 to 1.9%,
0.4 to 3.8%,
fixed
fixed
E2C-C1A
0.5 to 2.6%,
0.1 to 4.3%,
fixed
fixed
E2C-X1R5A
1.7 to 4.2%,
2.7 to 6.0%,
fixed
fixed
E2C-G❑4B
E2C-CR5B
1.6 to 17.6%, 4.4 to 19.2%,
fixed
fixed
E2C-JC4AP,
E2C-CR8A
2.0 to 4.7%,
3.8 to 6.0%,
E2C-WH4AF
fixed
fixed
E2C-X1A
0.9 to 1.9%,
0.4 to 3.8%,
fixed
fixed
E2C-C1A
0.5 to 2.6%,
0.1 to 4.3%,
fixed
fixed
E2C-X1R5A
1.7 to 4.2%,
2.7 to 6.0%,
fixed
fixed
s DIFFERENTIAL TRAVEL
E2C-AK4A and E2C-AM4A amplifiers
number
number
Amplifier
Sensor
Differential travel
part
part
(% of detecting distance)
At minimum
At maximum
detecting
detecting
distance
distance
E2C-AK4A
E2C-CR5B
1 to 5%,
1 to 5%,
E2C-CR8A
adjustable
adjustable
E2C-CR8B
E2C-X1A
E2C-C1A
E2C-X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-C20MA
E2C-AM4A
E2C-CR5B
1 to 5%,
1 to 5%,
E2C-CR8A
adjustable
adjustable
E2C-CR8B
E2C-X1A
E2C-C1A
E2C-X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-C20MA
number
number
E2C-G❑4A, E2C-G❑4B and E2C-WH4AF amplifiers
Part number
E2C-JC4AP
E2C-WH4AF
Supply voltage
10 to 30 VDC
Current consumption
45 mA
25 mA
Differential travel
See "Differential Travel" tables
Control DC
Type
NPN open collector
One NPN open collector, one PNP open collector
Max. load
100 mA
200 mA
Max. on-state
1 VDC
0.7 VDC
voltage drop
Alarm output
Type
NPN open collector
Not provided
Max. load
50 mA
—
Indicators
Output Operation (red LED),
Output Operation (red LED)
Output Stability (green LED)
Materials
Case
Plastic
Mounting
DIN rail track, E39-L48 mounting bracket,
DIN rail track or bottom surface with
or two side through holes
two through holes
Connections
Prewired, 4-conductor cable, 2 m (6.56 ft) length
Terminal screws or direct connection to S308
sensor controller with E99-C connector (included).
Weight
80 g (2.8 oz.) with cable
80 g (2.8 oz.) with cable
Enclosure
UL
—
NEMA
1
IEC 144
IP 40
Approvals
UL
—
CSA
—
Ambient operating temperature
-10
° to 55°C (14° to 131°F)
Vibration
10 to 25 Hz, 2 mm (0.08 in) double amplitude, 2 hours each, X and Y directions
Shock
10 G's, 3 times each, X and Y directions
output
solid-
state
Track-Mount Type
ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com