Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2C Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2C
Description  Miniature Inductive Prox
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2C Datasheet HTML 1Page - Omron Electronics LLC E2C Datasheet HTML 2Page - Omron Electronics LLC E2C Datasheet HTML 3Page - Omron Electronics LLC E2C Datasheet HTML 4Page - Omron Electronics LLC E2C Datasheet HTML 5Page - Omron Electronics LLC E2C Datasheet HTML 6Page - Omron Electronics LLC E2C Datasheet HTML 7Page - Omron Electronics LLC E2C Datasheet HTML 8Page - Omron Electronics LLC E2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
E2C
E2C
6
s AMPLIFIERS
Socket-Mount Type
Part number
E2C-AK4A
E2C-AM4A
E2C-GE4A
E2C-GF4A
E2C-GE4B
E2C-GF4B
Supply voltage
90 to 264 VAC,
10 to 30 VDC
50/60 Hz
Current consumption
55 mA max.
25 mA max.
Differential travel
See "Differential Travel" tables
Control Relay
Type
SPDT
—
Max. load
2 A, 250 VAC
—
(p.f. = 1)
Min. load
1 mA, 5 VDC
—
DC
Type
Transistor,
One NPN open
NPN open
PNP open
NPN open
PNP open
solid-
SPST
collector, one
collector with
collector with
collector with
collector with
state
PNP open
pull-up
pull-down
pull-up
pull-down
collector
Max. load
50 mA, 40 VDC
200 mA
100 mA
Max. on-state
2 VDC
1.5 VDC
voltage drop
Indicators
Output Operation (red LED) and
Output Operation (red LED)
Output Stability (red LED)
Materials
Case
Plastic
Mounting
Requires
Requires
Requires PYF08A-E, PY08 or PYF08M socket
P2CF-11,
P2CF-08,
(not included). Order separately from Accessories.
PL11 or P3G-11
PL08 or P3G-08
socket (not
socket (not
included). Order
included). Order
separately from
separately from
Accessories.
Accessories.
Connections
Plated steel screw terminals or solder terminals, refer to sockets in Accessories section.
Weight (not including socket)
250 g (8.8 oz.)
140 g (4.9 oz.)
20 g (0.7 oz.)
Enclosure
UL
—
NEMA
1
IEC 144
IP 40
Approvals
UL
—
CSA
—
Ambient operating temperature
-10
° to 55°C (14° to 131°F)
Vibration
10 to 25 Hz, 2 mm (0.08 in) double amplitude, 2 hours each, X and Y directions
Shock
10 G's, 3 times each, X and Y directions
output
ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com