Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2C
Description  Miniature Inductive Prox
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2C Datasheet HTML 1Page - Omron Electronics LLC E2C Datasheet HTML 2Page - Omron Electronics LLC E2C Datasheet HTML 3Page - Omron Electronics LLC E2C Datasheet HTML 4Page - Omron Electronics LLC E2C Datasheet HTML 5Page - Omron Electronics LLC E2C Datasheet HTML 6Page - Omron Electronics LLC E2C Datasheet HTML 7Page - Omron Electronics LLC E2C Datasheet HTML 8Page - Omron Electronics LLC E2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
E2C
E2C
4
Specifications
Part number
E2C-CR5B
E2C-CR8A
E2C-CR8B
E2C-X1A
E2C-C1A
Sensor type
Inductive
Body
Size
2.0 mm dia.
3.5 mm dia.
3.8 mm dia.
M5
5.4 mm dia.
Type
Shielded
Required amplifier
E2C-AK4A,
E2C-AK4A, E2C-AM4A, E2C-GE4A,
E2C-AM4A,
E2C-GF4A, E2C-JC4AP or E2C-WH4AF
E2C-GE4B or
E2C-GF4B
Detectable object type
Metallic objects
0 to 0.5 mm
0 to 0.8 mm
0 to 1.0 mm
(0 to 0.02 in)
(0 to 0.03 in)
(0 to 0.04 in)
Usable setting distance at
0 to 0.7 mm
0 to 1.2 mm
0 to 1.5 mm
0
° to 40°C (with standard target) (0 to 0.028 in)
(0 to 0.047 in)
(0 to 0.059 in)
Standard target size
5 x 5 x 1 mm
(mild steel, L x W x H)
(0.20 x 0.20 x 0.04 in)
Differential travel
See "Differential Travel" tables
Response frequency
1 kHz
Materials
Housing
304 stainless steel
Nickel-plated brass
Sensing face
ABS
Cable sheath
Polyethylene
Mounting
—
Optional mounting strap
Two lock washers
—
Y92E-F3R5, order separately
and M5 nuts included
Connections
Prewired
Two-conductor cable, 3 m (9.8 ft) length
Weight with cable
10 g (0.4 oz.)
40 g (1.4 oz.)
45 g (1.6 oz.)
UL
—
NEMA
1,2
1, 3, 4, 6, 12, 13
IEC 144
IP64
IP67
Approvals
UL
—
CSA
—
Ambient operating temperature
-25
° to 70°C (-13° to 158°F)
Vibration
10 to 55 Hz, 1.5 mm (0.06 in) double amplitude, 2 hours each, X and Y directions
Shock
50 G's, 3 times each, X and Y directions
Usable setting distance at
ambient (with standard target)
Enclosure
ratings
s MINIATURE SENSORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com