Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003ATR Datasheet(PDF) 2 Page - International Rectifier

Part # IP2003ATR
Description  Full function muliphase builiding block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003ATR Datasheet(HTML) 2 Page - International Rectifier

  IP2003ATR Datasheet HTML 1Page - International Rectifier IP2003ATR Datasheet HTML 2Page - International Rectifier IP2003ATR Datasheet HTML 3Page - International Rectifier IP2003ATR Datasheet HTML 4Page - International Rectifier IP2003ATR Datasheet HTML 5Page - International Rectifier IP2003ATR Datasheet HTML 6Page - International Rectifier IP2003ATR Datasheet HTML 7Page - International Rectifier IP2003ATR Datasheet HTML 8Page - International Rectifier IP2003ATR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.irf.com
2
iP2003A
 Measurement made using six 10uF (TDK C3225X5R1C106KT or equiv.) capacitors across the input (see
Fig. 8).
‚ Not associated with the rise and fall times. Does not affect Power Loss (see Fig. 9).
All specifications @25°C (unless otherwise specified)
Absolute Maximum Ratings:
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VIN to PGND
VIN
--
16
V
VDD to PGND
VDD
--
6.0
V
PWM to PGND
PWM
-0.3
-
VDD +0.3
V
Not to exceed 6.0V
Enable to PGND
ENABLE
-0.3
-
VDD +0.3
V
Not to exceed 6.0V
Output RMS Current
IOUT
--
40
A
Measured at VSW
Recommended Operating Conditions:
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
4.6
5.0
5.5
V
Input Voltage
VIN
3.0
-
13.2
V
Output Voltage
VOUT
0.8
-
3.3
V
Output Current
IOUT
--
40
A
Operating Frequency
fsw
300
-
1000
kHz
Operating Duty Cycle
D
-
-
85
%
Block Temperature
TBLK
-40
-
125
°C
Electrical Specifications @ VDD = 5V (unless otherwise specified):
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Block Power Loss
c
PLOSS
-
9.4
11.7
W
VIN=12V, VOUT=1.3V
Turn On Delay
d
td(on)
-63
-
IOUT=40A, fSW=1MHz
Turn Off Delay
d
td(off)
-26
-
L = 0.3µH
VIN Quiescent Current
IQ-VIN
--
1.0
mA
Enable = 0V, VIN=12V
VDD Quiescent Current
IQ-VDD
-10
-
µA
Enable = 0V, VDD=5V
Under-Voltage Lockout
UVLO
Start Threshold
VSTART
4.2
4.4
4.5
V
Hysteresis
VHvs-UVLO
-150
-
mV
Enable
ENABLE
Input Voltage High
VIH
2.1
-
-
V
Input Voltage Low
VIL
--
0.8
Power Ready
PRDY
Logic Level High
VOH
4.5
4.6
-
V
VDD=4.6V, ILoad=10mA
Logic Level Low
VOL
-0.1
0.2
VDD <UVLO Threshold, ILoad = 1mA
PWM Input
PWM
Logic Level High
VOH
2.1
-
-
V
Logic Level Low
VOL
--
0.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com