Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003ATR Datasheet(PDF) 1 Page - International Rectifier

Part # IP2003ATR
Description  Full function muliphase builiding block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003ATR Datasheet(HTML) 1 Page - International Rectifier

  IP2003ATR Datasheet HTML 1Page - International Rectifier IP2003ATR Datasheet HTML 2Page - International Rectifier IP2003ATR Datasheet HTML 3Page - International Rectifier IP2003ATR Datasheet HTML 4Page - International Rectifier IP2003ATR Datasheet HTML 5Page - International Rectifier IP2003ATR Datasheet HTML 6Page - International Rectifier IP2003ATR Datasheet HTML 7Page - International Rectifier IP2003ATR Datasheet HTML 8Page - International Rectifier IP2003ATR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
iP2003A
Features:
• Full function multiphase building block
• Output current 40A continuous with no derating up to
T
PCB = 100°C and TCASE = 100°C
• Operating frequency up to 1.0 MHz
• Proprietary packaging enables ultra low Rthj-case top
• Efficient dual sided cooling
• Small footprint low profile (9mm x11mm x 2.2mm) package
• Optimized for very low power losses
• LGA interface
• Ease of design
Synchronous Buck
Multiphase Optimized LGA Power Block
Integrated Power Semiconductors, Drivers & Passives
Description
The iP2003A is a fully optimized solution for high current synchronous buck multiphase applications.
Board space and design time are greatly reduced because most of the components required for each
phase of a typical discrete-based multiphase circuit are integrated into a single 9mm x 11mm x 2.2mm
power block. The only additional components required for a complete multiphase converter are a PWM
controller, the output inductors, and the input and output capacitors.
iPOWIR technology offers designers an innovative board space saving solution for applications
requiring high power densities. iPOWIR technology eases design for applications where component integration
offers benefits in performance and functionality. iPOWIR technology solutions are also optimized internally for
layout, heat transfer and component selection.
iP2003A Power Block
10/19/05
iP2003A Internal Block Diagram
ENABLE
PWM
MOSFET
Driver with
dead time
control
V
IN
V
SW
PGND
PRDY
V
DD
V
SWS2
V
SWS1
MOSFET
Driver with
dead time
control
V
IN
V
SW
PGND
PRDY
V
DD
V
SWS2
V
SWS1
Pin #
Pin Name
Pin Function
1
VDD
Supply voltage for the internal circuitry.
2
ENABLE
W hen set to logic level high, internal circuitry
of the device is enabled. W hen set to logic
level low, the PRDY pin is forced low, the
Control and Sychronous switches are turned
off, and the supply current reduces to 10µ A.
3
PW M
TTL-level input signal to M OSFET drivers.
4
PRDY
Power Ready - This pin indicates the status of
ENAB LE or VDD. This output will be driven
low when ENABLE is logic low or when VDD
is less than 4.4V (typ.). W hen ENAB LE is
logic high and VDD is greater than 4.4V (typ.),
this output is driven high. This output has a
10mA source and 1mA sink capability.
5, 7
PGND
Power Ground - connection to the ground of
bulk and filter capacitors.
6
VSW
Switching Node - connection to the output
inductor.
8
VIN
Input voltage pin. External bypass ceramic
capacitors must be added directly next to the
block.
9
VSWS1
Floating pin. For internal use. Externally, short
to VSWS2 pin only.
10
VSWS2
Floating pin. For internal use. Externally, short
to VSWS1 pin only.
PD-96987A


Similar Part No. - IP2003ATR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2003ATRPBF IRF-IP2003ATRPBF Datasheet
352Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
More results

Similar Description - IP2003ATR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN66710 PANASONIC-MN66710 Datasheet
197Kb / 19P
Full-Function DAB Receiver LSI
logo
International Rectifier
IP1001 IRF-IP1001 Datasheet
507Kb / 18P
Full Function Synchronous Buck Power Block
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
Single Output Full Function Synchronous Buck Power Block
logo
Fairchild Semiconductor
FPF2148 FAIRCHILD-FPF2148 Datasheet
760Kb / 12P
Full Function Load Switch
logo
International Rectifier
IP1203PBF IRF-IP1203PBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
logo
Cypress Semiconductor
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
Full-Speed USB (12-Mbps) Function
logo
Emcore Corporation
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
Full Function Fiber Optic Amplifier Gain Block Ready for Integration
logo
STMicroelectronics
STEVAL-TLL012V1 STMICROELECTRONICS-STEVAL-TLL012V1 Datasheet
251Kb / 4P
Full RGB function support
08-Jun-2012
logo
PHOENIX CONTACT
2400057 PHOENIX-2400057 Datasheet
72Kb / 3P
Function block - SAFE AI
09/12/2020
2400180 PHOENIX-2400180 Datasheet
93Kb / 6P
Function block - WATERWORX
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com