Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003ATR Datasheet(PDF) 3 Page - International Rectifier

Part # IP2003ATR
Description  Full function muliphase builiding block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003ATR Datasheet(HTML) 3 Page - International Rectifier

  IP2003ATR Datasheet HTML 1Page - International Rectifier IP2003ATR Datasheet HTML 2Page - International Rectifier IP2003ATR Datasheet HTML 3Page - International Rectifier IP2003ATR Datasheet HTML 4Page - International Rectifier IP2003ATR Datasheet HTML 5Page - International Rectifier IP2003ATR Datasheet HTML 6Page - International Rectifier IP2003ATR Datasheet HTML 7Page - International Rectifier IP2003ATR Datasheet HTML 8Page - International Rectifier IP2003ATR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.irf.com
3
iP2003A
Fig. 1: Power Loss vs. Current
Fig. 2: Safe Operating Area (SOA) vs. T
PCB & TCASE
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Case Temperature (°C)
0
5
10
15
20
25
30
35
40
Output Current (A)
0
2
4
6
8
10
12
14
16
Maximum
Typical
VIN = 12V
VOUT = 1.3V
fsw = 1MHz
TBLK = 125°C
L
= 0.30µH
0
10
20
30
40
50
60
70
80
90
100
110
120
130
PCB Temperature (°C)
0
4
8
12
16
20
24
28
32
36
40
Safe
Operating
Area
VIN = 12V
VOUT = 1.3V
fsw
= 1MHz
L
= 0.30µH
Tx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com