Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003ATR Datasheet(PDF) 10 Page - International Rectifier

Part # IP2003ATR
Description  Full function muliphase builiding block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003ATR Datasheet(HTML) 10 Page - International Rectifier

Back Button IP2003ATR Datasheet HTML 2Page - International Rectifier IP2003ATR Datasheet HTML 3Page - International Rectifier IP2003ATR Datasheet HTML 4Page - International Rectifier IP2003ATR Datasheet HTML 5Page - International Rectifier IP2003ATR Datasheet HTML 6Page - International Rectifier IP2003ATR Datasheet HTML 7Page - International Rectifier IP2003ATR Datasheet HTML 8Page - International Rectifier IP2003ATR Datasheet HTML 9Page - International Rectifier IP2003ATR Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.irf.com
10
iP2003A
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.10/05
Fig. 13: Part Marking
The recommended reflow peak temperature is 220°C to 225°C. The total furnance time is approximately 5
minutes with approximately 10 seconds at the peak temperature.
Fig.14: Recommended solder profile and stencil design
iP2003A
6B7D
0508
2. DIMENSIONS ARE SHOWN IN MILLIMETERS.
3. THIS OPENING IS BASED ON USING 150 MICRON STENCIL.
1. THIS VIEW IS STENCIL SQUEEGEE VIEW
NOTES:
IF USING DIFFERENT THICKNESS STENCIL, THIS OPENING
F
H
Y
X
G
X
Y
Y
E
Y
X
X
B,C
X
Y
1.9304
4.8514
3.3274
2.9464
3.3274
5.2324
3.3274
1.6764
0.9906
0.9492
A
1.9492
0.9906
D
0.9906
1.0668
X
Y
Y
X
I,J
X
Y
0.9144
0.5334
A
B
C
D
E
F
G
H
I
J
NEEDS TO BE ADJUSTED ACCORDINGLY
STENCIL DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com