Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7985ATR Datasheet(PDF) 6 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 2Page - STMicroelectronics A7985ATR Datasheet HTML 3Page - STMicroelectronics A7985ATR Datasheet HTML 4Page - STMicroelectronics A7985ATR Datasheet HTML 5Page - STMicroelectronics A7985ATR Datasheet HTML 6Page - STMicroelectronics A7985ATR Datasheet HTML 7Page - STMicroelectronics A7985ATR Datasheet HTML 8Page - STMicroelectronics A7985ATR Datasheet HTML 9Page - STMicroelectronics A7985ATR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Pin settings
A7985A
6/44
DocID023128 Rev 5
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
Table 1. Pin description
N.
Type
Description
1
OUT
Regulator output.
2
SYNCH
Master/slave synchronization. When it is left floating, a signal with
a phase shift of half a period in respect to the power turn-on is present at
the pin. When connected to an external signal at a frequency higher than
the internal one, the device is synchronized by the external signal, with
zero phase shift.
Connecting together the SYNCH pins of two devices, the one with the
higher frequency works as master and the other as slave; so the two
power turn-ons have a phase shift of half a period.
3EN
A logical signal (active high) enables the device. With EN higher than
1.2 V the device is ON and with EN lower than 0.63 V the device is OFF.
4
COMP
Error amplifier output to be used for loop frequency compensation.
5FB
Feedback input. Connecting the output voltage directly to this pin the
output voltage is regulated at 0.6 V. To have higher regulated voltages an
external resistor divider is required from VOUT to the FB pin.
6FSW
The switching frequency can be increased connecting an external
resistor from the FSW pin and ground. If this pin is left floating the device
works at its free-running frequency of 250 KHz.
7
GND
Ground.
8VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com