Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7985ATR Datasheet(PDF) 43 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 36Page - STMicroelectronics A7985ATR Datasheet HTML 37Page - STMicroelectronics A7985ATR Datasheet HTML 38Page - STMicroelectronics A7985ATR Datasheet HTML 39Page - STMicroelectronics A7985ATR Datasheet HTML 40Page - STMicroelectronics A7985ATR Datasheet HTML 41Page - STMicroelectronics A7985ATR Datasheet HTML 42Page - STMicroelectronics A7985ATR Datasheet HTML 43Page - STMicroelectronics A7985ATR Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
DocID023128 Rev 5
43/44
A7985A
Revision history
44
10
Revision history
Table 12. Document revision history
Date
Revision
Changes
19-Apr-2012
1
Initial release.
08-Oct-2012
2
Document status promoted from preliminary data to production data.
In Section 5.6 changed temperature value from 130 to 120
°C.
04-Jul-2013
3
Updated values for VFB parameter in Table 4: Electrical
characteristics.
12-Aug-2013
4
Changed VFB parameter in Table 4: Electrical characteristics from
0.594 to 0.588.
17-Mar-2014
6
Updated Figure 34: Positive buck-boost regulator on page 36
(replaced by a new figure).
Updated Section 8: Package information on page 40 (reversed order
of Figure 38 and Table 10, minor modifications).
Updated cross-references throughout document.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com