Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7985ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 18Page - STMicroelectronics A7985ATR Datasheet HTML 19Page - STMicroelectronics A7985ATR Datasheet HTML 20Page - STMicroelectronics A7985ATR Datasheet HTML 21Page - STMicroelectronics A7985ATR Datasheet HTML 22Page - STMicroelectronics A7985ATR Datasheet HTML 23Page - STMicroelectronics A7985ATR Datasheet HTML 24Page - STMicroelectronics A7985ATR Datasheet HTML 25Page - STMicroelectronics A7985ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Application information
A7985A
22/44
DocID023128 Rev 5
6.4.1
Type III compensation network
The methodology to stabilize the loop consists in placing two zeroes to compensate the
effect of the LC double pole, thereby increasing phase margin; then to place one pole in the
origin to minimize the DC error on the regulated output voltage; finally to place other poles
far from the zero dB frequency.
If the equivalent series resistance (ESR) of the output capacitor introduces a zero with
a frequency higher than the desired bandwidth (that is: 2
ESR COUT < 1 / BW), the Type
III compensation network is needed. Multi-layer ceramic capacitors (MLCC) have very low
ESR (< 1 m
), with very high frequency zero, so a Type III network is adopted to
compensate the loop.
In Figure 10, the Type III compensation network is shown. This network introduces two
zeroes (fZ1, fZ2) and three poles (fP0, fP1, fP2). They are expressed as:
Equation 23
Equation 24
Figure 10. Type III compensation network
fZ1
1
2
 C
3
R1 R3
+


------------------------------------------------
=
fZ2
1
2
 R
4 C4

------------------------------
=
fP0 0
=
fP1
1
2
 R
3 C3

------------------------------
=
fP2
1
2
 R
4
C4 C5
C4 C5
+
--------------------

--------------------------------------------
=




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com