Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7985ATR Datasheet(PDF) 17 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 13Page - STMicroelectronics A7985ATR Datasheet HTML 14Page - STMicroelectronics A7985ATR Datasheet HTML 15Page - STMicroelectronics A7985ATR Datasheet HTML 16Page - STMicroelectronics A7985ATR Datasheet HTML 17Page - STMicroelectronics A7985ATR Datasheet HTML 18Page - STMicroelectronics A7985ATR Datasheet HTML 19Page - STMicroelectronics A7985ATR Datasheet HTML 20Page - STMicroelectronics A7985ATR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
DocID023128 Rev 5
17/44
A7985A
Application information
44
6
Application information
6.1
Input capacitor selection
The capacitor connected to the input must be capable of supporting the maximum input
operating voltage and the maximum RMS input current required by the device. The input
capacitor is subject to a pulsed current, the RMS value of which is dissipated over its ESR,
affecting the overall system efficiency.
So the input capacitor must have an RMS current rating higher than the maximum RMS
input current and an ESR value compliant with the expected efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
Equation 7
where Io is the maximum DC output current, D is the duty cycle, is the efficiency.
Considering
= 1, this function has a maximum at D = 0.5 and it is equal to Io/2.
In a specific application the range of possible duty cycles must be considered in order to find
out the maximum RMS input current. The maximum and minimum duty cycles can be
calculated as:
Equation 8
and
Equation 9
where VF is the forward voltage on the freewheeling diode and VSW is voltage drop across
the internal PDMOS.
The peak-to-peak voltage across the input capacitor can be calculated as:
Equation 10
where ESR is the equivalent series resistance of the capacitor.
Given the physical dimension, ceramic capacitors can well meet the requirements of the
input filter sustaining a higher input RMS current than electrolytic/tantalum types.
IRMS
IO
D
2D
2
---------------
D
2
2
-------
+
=
DMAX
VOUT VF
+
VINMIN VSW
-------------------------------------
=
DMIN
VOUT VF
+
VINMAX VSW
--------------------------------------
=
VPP
IO
CIN FSW
-------------------------
1
D
----

 D D
----
1D

+
ESR IO
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com