Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC402S Datasheet(PDF) 9 Page - 3M Electronics

Part # SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Datasheet(HTML) 9 Page - 3M Electronics

Back Button SC402S Datasheet HTML 5Page - 3M Electronics SC402S Datasheet HTML 6Page - 3M Electronics SC402S Datasheet HTML 7Page - 3M Electronics SC402S Datasheet HTML 8Page - 3M Electronics SC402S Datasheet HTML 9Page - 3M Electronics SC402S Datasheet HTML 10Page - 3M Electronics SC402S Datasheet HTML 11Page - 3M Electronics SC402S Datasheet HTML 12Page - 3M Electronics SC402S Datasheet HTML 13Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
3M™ MicroTouch™ Controller RX142 Reference Guide
9
3M Touch Systems, Inc. Proprietary Information
CHAPTER 1
Integrating the RX142 Controller
The 3MTM MicroTouch™ RX142 serial resistive controller is an accurate, small outline,
low cost, temperature stable controller capable of supporting a wide range of resistive
sensors. It is designed for internal mounting in OEM applications.
This chapter covers the following RX142 controller specifications:
• Cable connections
• Mounting requirements
• Power requirements and options
• Status LED codes
Overview of the RX142 Controller
The RX142 controller is an uncased device using an RS-232 serial interface. The
communication parameters for the RX142 are N81 -- no parity, 8 data bits, and 1 stop bit.
To integrate and test the RX142 controller, you need the following items:
• A 4-wire resistive sensor.
• A method of establishing the serial data communication between the controller and
your system. The standard 3M™ MicroTouch™ RS-232 plug and play serial cable
(P/N 7319630) is recommended.
• A power source.
• A software utility or driver with a calibration routine.
Note:
You can use MicroTouch™ Software, which includes the touch driver and
utilities software.
The controller measures 1.3 x 2.4 inches, or 1.6 x 2.7 inches total profile over the
connectors. Allow additional clearance for the mating connectors. The total height profile
is 0.40 inches from the thru hole pins on the trace side of the board to the top of the
highest component on the opposite side. The RX142 has a 4-pin sensor connector (JP6),
an 8-pin serial plug and play cable connector (JP2), and a 3-pin power connector for
selectable input voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com