Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC402S Datasheet(PDF) 12 Page - 3M Electronics

Part # SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Datasheet(HTML) 12 Page - 3M Electronics

Back Button SC402S Datasheet HTML 8Page - 3M Electronics SC402S Datasheet HTML 9Page - 3M Electronics SC402S Datasheet HTML 10Page - 3M Electronics SC402S Datasheet HTML 11Page - 3M Electronics SC402S Datasheet HTML 12Page - 3M Electronics SC402S Datasheet HTML 13Page - 3M Electronics SC402S Datasheet HTML 14Page - 3M Electronics SC402S Datasheet HTML 15Page - 3M Electronics SC402S Datasheet HTML 16Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
3M™ MicroTouch™ Controller RX142 Reference Guide
3M Touch Systems, Inc. Proprietary Information
CAUTION
To avoid possible damage to the controller, you must provide a path for electrostatic
discharge (ESD). The controller mounting hole near the sensor connector should be
used to connect to chassis safety ground and must be attached by the shortest possible
route to a good earth return (chassis) in all applications.
Note:
To avoid possible damage to one or both of the power supplies, do not supply
both internal power and external power to the controller. Power from two sources could
cause damage.
Using an Internal Power Supply to JP4
Provide power directly to the controller using JP4 (AMP 640457-3). Use a mating 3-pin
connector (AMP 3-640469-3 or equivalent) and connect Pin 1 to 5VDC power and Pin 2
to the return or (alternately) 12VDC to Pin 3 and Pin 2 to the return.
Using an Internal Power Supply with a Custom Serial Cable Design
When creating a custom serial cable connection, you can provide power to the controller
through the mating Molex connector. Refer to Table 1 for more information on actual
cable connections. Unlike using JP4 to supply power, you can only use 5VDC at the
serial interface.
1. Obtain an 8-pin Molex connector 51004-0800.
2. Attach power and ground to the connector, (Pin 6: +5V, Pin 7: Ground).
Mounting the Sensor
The RX142 controller will work with sensors that meet the following specifications. The
sensor may work beyond these limits but with reduced performance.
Minimum
Maximum
Capacitance top sheet to substrate
None
70nF
Resistance corner to corner or side to side
100 Ohm
500 Ohm
Resistance top sheet
100 Ohm
5k Ohm
It is critical for you to understand the tail orientation of your sensor prior to connecting
the controller. This will affect how the controller interprets your touch on the sensor.
Refer to the Chapter on controller communications for additional details.
Sensor Cable Connector
The sensor cable has a 4-pin single row locking female connector that plugs into the
controller. The controller is compatible with the “XYXY” latched connector pinout, not
the “”XXYY” style, non-latched connector pinout. Here, X or Y refers to one or the other
sheet, and + or – refers one or the other side of a sheet. The calibration process sorts out
left/right and up/down.
Connector pins 1 and 3 must be connected to one sheet and pins 2 and 4 must be
connected to the other sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com