Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC402S Datasheet(PDF) 29 Page - 3M Electronics

Part # SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Datasheet(HTML) 29 Page - 3M Electronics

Back Button SC402S Datasheet HTML 21Page - 3M Electronics SC402S Datasheet HTML 22Page - 3M Electronics SC402S Datasheet HTML 23Page - 3M Electronics SC402S Datasheet HTML 24Page - 3M Electronics SC402S Datasheet HTML 25Page - 3M Electronics SC402S Datasheet HTML 26Page - 3M Electronics SC402S Datasheet HTML 27Page - 3M Electronics SC402S Datasheet HTML 28Page - 3M Electronics SC402S Datasheet HTML 29Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
3M™ MicroTouch™ Controller RX142 Reference Guide
29
3M Touch Systems, Inc. Proprietary Information
Performance & Reliability
Minimum Touch Duration
14 ± 1 msec
Touch Resolution –
1024 x 1024
(Maximum number of addressable coordinates generated by the controller)
ESD Susceptibility
±8 kV Contact Discharge* – Class 2 per section 9 of IEC 61000-4-2
Compliant
1 false touch allowed
±20 kV Air Discharge* – Class 1 per section 9 of IEC 61000-4-2
Compliant
Normal Operation – No false touches
* ESD discharges to a sensor connected to the controller
MTBF (by MIL Std. 217F Calculation)
> 400,000 Hours
Touch System Parameters
Accuracy vs. Dynamic Temperature Change
Maintains 1% Accuracy
(tested at 0 deg. C to 60 deg. C with a 0.5 deg. C/minute temperature ramp)
Communications Protocol
Serial RS 232
Storage and Operating Temperature with Humidity Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com