Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC402S Datasheet(PDF) 11 Page - 3M Electronics

Part # SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Datasheet(HTML) 11 Page - 3M Electronics

Back Button SC402S Datasheet HTML 7Page - 3M Electronics SC402S Datasheet HTML 8Page - 3M Electronics SC402S Datasheet HTML 9Page - 3M Electronics SC402S Datasheet HTML 10Page - 3M Electronics SC402S Datasheet HTML 11Page - 3M Electronics SC402S Datasheet HTML 12Page - 3M Electronics SC402S Datasheet HTML 13Page - 3M Electronics SC402S Datasheet HTML 14Page - 3M Electronics SC402S Datasheet HTML 15Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
3M™ MicroTouch™ Controller RX142 Reference Guide
11
3M Touch Systems, Inc. Proprietary Information
PC Side (9-Pin D)
Controller Side (8-Pin Molex)
Pin
RS-232 Assigned
Jumpered to:
Pin Description
7
Request to Send (RTS)
1
Request to Send (RTS)
8
Clear to Send (CTS)
4
Clear to Send (CTS)
9
Not Used
Do not ground
Sleeve
6
DC power jack (+5 VDC)
Pin
7
Cable shield connected to
ground. DC power jack
ground
Shell
7
Chassis (earth) ground
Mounting the Controller
The controller is designed for internal mounting only. Choose a convenient spot away
from high-voltage, high power cables and electronics. Use 4-40 metal screws to mount
the controller using the two diagonal mounting holes in the board. The controller should
be mounted in line with the sensor cable exit point to minimize cable flexing. The
controller should be mounted internally behind or on the side of the display on stand offs
to allow room for the sensor cable connector.
Ensure that the tail and controller are aligned such that the tail remains straight (90
°), not
pulled or twisted in an odd angle from the sensor. Good engineering design avoids
awkward electrical connections.
Supplying Power to the Controller
You must supply the RX142 controller with power. The source must deliver (for 5 VDC)
16 mA typical, 27 mA touching;
± 5% regulation or (for 12 VDC) 19 mA typical, 30 mA
touching;
± 5% regulation, with a maximum ripple and noise of 50 mV peak-to-peak.
You can supply power to the RX142 controller using any of the following methods. The
voltage input can be either +5VDC or +12VDC. In Sleep Mode the controller draws less
than 5 mA.
Not recommended:
Do not twist the tail
Recommended:
Wrap tail smoothly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com