Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601 Datasheet(PDF) 3 Page - NEC

Part # PS8601
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8601 Datasheet(HTML) 3 Page - NEC

  PS8601 Datasheet HTML 1Page - NEC PS8601 Datasheet HTML 2Page - NEC PS8601 Datasheet HTML 3Page - NEC PS8601 Datasheet HTML 4Page - NEC PS8601 Datasheet HTML 5Page - NEC PS8601 Datasheet HTML 6Page - NEC PS8601 Datasheet HTML 7Page - NEC PS8601 Datasheet HTML 8Page - NEC PS8601 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS8601, PS8601L
ABSOLUTE MAXIMUM RATINGS (TC = 25
C)
Diode
Forward Current
IF
25
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
45
mW
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V
Output Current
IO
8mA
Power Dissipation
PC
100
mW
Isolation Voltage
*1
BV
5 000
Vr.m.s.
Operating Temperature
TA
55 to +100
C
Storage Temperature
Tstg
55 to +150
C
*1
AC voltage for 1 minute at TA = 25
C, RH = 60 % between input and output.
ELECTRICAL CHARACTERISTICS (TA = 25
C)
PARAMETER
SYMBOL
MIN.
TYP
.
MAX.
UNIT
TEST CONDITIONS
Diode
Forward Voltage
VF
1.7
2.2
V
IF = 16 mA
Reverse Current
IR
10
AVR = 5 V
Forward Voltage Temperature
Coefficient
VF
T
1.6
mV/
CIF = 16 mA
Junction Capacitance
Ct
60
pF
V = 0, f = 1 MHz
Detector
High Level Output Current
IOH 1
3
500
nA
IF = 0 mA, VCC = VO = 5.5 V
High Level Output Current
IOH 2
100
AIF = 0 mA, VCC - VO = 35 V
Low Level Output Voltage
VOL
0.1
0.4
V
IF = 16 mA, VCC = 4.5 V,
IO = 1.2 mA
Low Level Supply Current
ICCL
50
AIF = 16 mA, VO = Open, VCC = 35 V
High Level Supply Current
ICCH
0.01
1
AIF = 0 mA, VO = Open, VCC = 35 V
Coupler
Current Transfer Ratio
CTR
15
%
IF = 16 mA, VCC = 4.5 V,
VO = 0.4 V
Isolation Resistance
R1-2
10
11

Vin-out = 1 kVDC
Isolation Capacitance
C1-2
0.7
pF
V = 0, f - 1 MHz
Propagation Delay Time
(H
 L)
*2
tPHL
0.5
0.8
s
IF = 16 mA, VCC = 5 V
RL = 1.9 k

Propagation Delay Time
(L
 H)
*2
tPLH
0.3
0.8
s
IF = 16 mA, VCC = 5 V
RL = 1.9 k




Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com