Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601 Datasheet(PDF) 5 Page - NEC

Part # PS8601
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8601 Datasheet(HTML) 5 Page - NEC

  PS8601 Datasheet HTML 1Page - NEC PS8601 Datasheet HTML 2Page - NEC PS8601 Datasheet HTML 3Page - NEC PS8601 Datasheet HTML 4Page - NEC PS8601 Datasheet HTML 5Page - NEC PS8601 Datasheet HTML 6Page - NEC PS8601 Datasheet HTML 7Page - NEC PS8601 Datasheet HTML 8Page - NEC PS8601 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8601, PS8601L
TYPICAL CHARACTERISTICS (TA = 25
C)
VF - Forward Voltage - V
0.01
1.0
IF - Forward Current - mA
100 ˚C
50 ˚C
25 ˚C
0 ˚C
–25 ˚C
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.1
1.0
10
100
FORWARD CURRENT vs.
FORWARD VOLTAGE
VO - Output Voltage - V
TA - Ambient Temperature - ˚C
CURRENT TRANSFER RATIO
vs. FORWARD CURRENT
NORMALIZED OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
30
20
10
0
25
50
75
100
125
TA - Ambient Temperature - ˚C
MAX. FORWARD CURRENT vs.
AMBIENT TEMPERATURE
120
80
40
0
25
50
75
100
125
TA - Ambient Temperature - ˚C
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
100
60
20
OUTPUT CURRENT vs.
OUTPUT VOLTAGE
50
40
30
20
10
0
.1
.5
1
5
10
50 100
VCC = 4.5 V
VO = 0.4 V
TA = 25 ˚C
Normalized to
at TA = 25 ˚C
VCC = 4.5 V
VO = 0.4 V
IF = 16 mA
–75 –50
–20
0
25
50
75
100 125
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
IF = 25 mA
IF = 20 mA
IF = 15 mA
IF = 10 mA
IF = 5 mA
10
8
6
4
2
0
0
2
4
6
8
1012
14
1618
20
TA =



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com