Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601 Datasheet(PDF) 4 Page - NEC

Part # PS8601
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8601 Datasheet(HTML) 4 Page - NEC

  PS8601 Datasheet HTML 1Page - NEC PS8601 Datasheet HTML 2Page - NEC PS8601 Datasheet HTML 3Page - NEC PS8601 Datasheet HTML 4Page - NEC PS8601 Datasheet HTML 5Page - NEC PS8601 Datasheet HTML 6Page - NEC PS8601 Datasheet HTML 7Page - NEC PS8601 Datasheet HTML 8Page - NEC PS8601 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8601, PS8601L
*2
Test Circuit for Propagation Delay Time.
18
27
36
45
Pulse Input
IF Monitor
IF
51
Ω
VCC = 5 V
VO Monitor
VO
RL
50 %
5 V
1.5 V
VOL
IF
0
VO
1.5 V
tPHL
tPLH
PW = 100 s
Duty Cycle = 1/10
µ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com