Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601 Datasheet(PDF) 1 Page - NEC

Part # PS8601
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8601 Datasheet(HTML) 1 Page - NEC

  PS8601 Datasheet HTML 1Page - NEC PS8601 Datasheet HTML 2Page - NEC PS8601 Datasheet HTML 3Page - NEC PS8601 Datasheet HTML 4Page - NEC PS8601 Datasheet HTML 5Page - NEC PS8601 Datasheet HTML 6Page - NEC PS8601 Datasheet HTML 7Page - NEC PS8601 Datasheet HTML 8Page - NEC PS8601 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
PHOTOCOUPLERS
PS8601, PS8601L
HIGH SPEED ANALOG OUTPUT TYPE
8 PIN PHOTOCOUPLER
1995
©
Document No. P11650EJ2V0DS00 (2nd edition)
(Previous No. LC-2362)
Date Published June 1996 P
Printed in Japan
DATA SHEET
DESCRIPTION
PS8601 and PS8601L is a 8-pin high speed photocoupler containing a GaAIAs LED on input side and a P-N
photodiode and a high speed amplifier transistor on output side on one chip. PS8601 is in a plastic DIP (Dual In-line
Package). PS8601L is lead bending type (Gull wing) for surface mount.
FEATURES
• High supply voltage
(VCC = 35 V MAX.)
• High speed response
(tPHL, tPLH: 0.8
s MAX.)
• High isolation voltage
(BV: 5 000 Vr.m.s. MIN.)
• TTL, CMOS compatible with a resistor
• Taping product number (PS8601L-E3)
• UL recognized [File No. E72422(s)]
• VDE0884 recognized: option
APPLICATIONS
• Interface circuit for various instrumentations, control equipments.
• Computer and peripheral manufactures.
• Electrical isolation of TV video terminals.
ORDERING INFORMATION
PART NUMBER
PACKAGE
SAFETY STANDARD APPROVAL
PS8601
8 pin DIP
PS8601L
8 pin DIP, lead bending type
PS8601L1
PS8601L2
PS8601-V
8 pin DIP
PS8601L-V
8 pin DIP, lead bending type
PS8601L1-V
PS8601L2-V
[Handling Precaution]
This product is weak for static electricity by designed with high speed integrated circuit. So, protect against static
electricity when handling.
Normal specification products
• UL Approved
8 pin DIP, lead bending type
(for long distance)
VDE0884 specification products (option)
• VDE Approved
8 pin DIP, lead bending type
(for long distance)


Similar Part No. - PS8601

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601-A CEL-PS8601-A Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8601-V CEL-PS8601-V Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8601-V-A CEL-PS8601-V-A Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS8601

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com