Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01ASC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C01ASC
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01ASC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C01ASC_14 Datasheet HTML 1Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 2Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 3Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 4Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 5Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 6Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 7Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 8Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
1610B–SEEPR–04/04
Features
• Low-voltage and Standard-voltage Operation, VCC = 2.7V–5.5V
• Internally Organized 128 x 8 (1K), 256 x 8 (2K), 512 x 8 (4K),
1024 x 8 (8K), or 2048 x 8 (16K)
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 400 kHz Compatibility
• 8-byte Page (1K, 2K), 16-byte Page (4K, 8K, 16K) Write Modes
• Partial Page Writes Allowed
• Self-timed Write Cycle (5 ms max)
• High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
– ESD Protection: >3000V
Description
The AT24C01A/02SC/04SC/08SC/16SC provide 1024/2048/4096/8192/16384 bits of
serial, electrically-erasable, and programmable read-only memory (EEPROM) orga-
nized as 128/256/512/1024/2048 words of 8 bits each. The devices are optimized for
use in smart card applications where low-power and low-voltage operation may be
essential. The devices are available in several standard ISO 7816 smart card modules
(see Ordering Information, pages 12–13). All devices are functionally equivalent to
Atmel serial EEPROM products offered in standard IC packages (PDIP, SOIC, TSSOP,
MAP), with the exception of the slave address and write protect functions, which are
not required for smart card applications.
Table 1. Pin Configuration
Figure 1. Card Module Contact
Pad Name
Description
ISO Module Contact
VCC
Power Supply Voltage
C1
GND
Ground
C5
SCL
Serial Clock Input
C3
SDA
Serial Data Input/Output
C7
NC
No Connect
C2, C4, C6, C8
NC
VCC
Two-wire Serial
EEPROM Smart
Card Modules
1K (128 x 8)
2K (256 x 8)
4K (512 x 8)
8K (1024 x 8)
16K (2048 x 8)
AT24C01ASC
AT24C02SC
AT24C04SC
AT24C08SC
AT24C16SC


Similar Part No. - AT24C01ASC_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01ASC-10WI ATMEL-AT24C01ASC-10WI Datasheet
261Kb / 14P
Two-wire Serial EEPROM Smart Card Modules
More results

Similar Description - AT24C01ASC_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A_14 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C02 ATMEL-AT24C02_14 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C02SC ATMEL-AT24C02SC_14 Datasheet
254Kb / 14P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C04 ATMEL-AT24C04_14 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16 ATMEL-AT24C16_14 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16SC ATMEL-AT24C16SC_14 Datasheet
254Kb / 14P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C32SC ATMEL-AT24C32SC_14 Datasheet
216Kb / 13P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C64A ATMEL-AT24C64A_14 Datasheet
695Kb / 18P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C04A ATMEL-AT24C04A_14 Datasheet
598Kb / 16P
Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C01B ATMEL-AT24C01B_14 Datasheet
526Kb / 25P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com