Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01ASC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT24C01ASC
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01ASC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT24C01ASC_14 Datasheet HTML 6Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 7Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 8Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 9Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 10Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 11Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 12Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 13Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
AT24C01ASC/02SC/04SC/08SC/16SC
1610B–SEEPR–04/04
AT24C01ASC Ordering Information
Ordering Code
Package
Voltage Range
Operation Range
AT24C01ASC-09ET
M2 – E Module
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C01ASC-09GT
M3 – G Module
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C01ASC-09HT
M3 – H Module
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C01ASC-09PT
M2 – P Module
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C01ASC-10WI
7 mil Wafer
2.7V–5.5V
Industrial (
−40°C–85°C)
AT24C02SC Ordering Information
Ordering Code
Package
Voltage Range
Operation Range
AT24C02SC-09ET
M2 – E Module
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C02SC-09PT
M2 – PModule
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C02SC-10WI
7 mil Wafer
2.7V–5.5V
Industrial (
−40°C–85°C)
AT24C04SC Ordering Information
Ordering Code
Package
Voltage Range
Operation Range
AT24C04SC-09ET
M2 – E Module
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C04SC-09PT
M2 – PModule
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C04SC-10WI
7 mil Wafer
2.7V–5.5V
Industrial (
−40°C–85°C)
AT24C08SC Ordering Information
Ordering Code
Package
Voltage Range
Operation Range
AT24C08SC-09ET
M2 – E Module
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C08SC-09PT
M2 – PModule
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C08SC-10WI
7 mil Wafer
2.7V–5.5V
Industrial (
−40°C–85°C)
AT24C16SC Ordering Information
Ordering Code
Package
Voltage Range
Operation Range
AT24C16SC-09ET
M2 – E Module
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C16SC-09PT
M2 – PModule
2.7V–5.5V
Commercial (0
°C–70°C)
AT24C16SC-10WI
7 mil Wafer
2.7V–5.5V
Industrial (
−40°C–85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com