Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01ASC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C01ASC
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01ASC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C01ASC_14 Datasheet HTML 6Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 7Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 8Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 9Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 10Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 11Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 12Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 13Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AT24C01ASC/02SC/04SC/08SC/16SC
1610B–SEEPR–04/04
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or
a random address read. After the microcontroller receives a data word, it responds with
an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to
increment the data word address and serially clock out sequential data words. When the
memory address limit is reached, the data word address will “rollover” and the sequen-
tial read will continue. T he sequential read operation is term inated when the
microcontroller does not respond with a “0” (NO ACK) but does generate a following
stop condition (refer to Figure 11).
Figure 11. Sequential Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com