Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01ASC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24C01ASC
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01ASC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24C01ASC_14 Datasheet HTML 6Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 7Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 8Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 9Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 10Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 11Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 12Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 13Page - ATMEL Corporation AT24C01ASC_14 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
AT24C01ASC/02SC/04SC/08SC/16SC
1610B–SEEPR–04/04
Smart Card Modules
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions
of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions
(i.e., a punched M2 module will yield 13.0 x 11.8 mm).
Module Size: M2-00
Dimension*: 12.6 x 11.4 [mm]
Thickness: 0.58 [mm] max
Pitch: 14.25 [mm]
Glob Top: Clear, Round:
8.0 [mm] max
Æ
Ordering Code: 09ET-00
Module Size: M3
Dimension*: 10.6 x 8.0 [mm]
Thickness: 0.58 [mm] max
Pitch: 9.5 [mm]
Glob Top: Clear, Round:
6.9 [mm] max
Æ
Ordering Code: 09GT-00
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Square: 8.8 x 8.8 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 [mm]
Ordering Code: 09PT-00
Module Size: M3
Dimension*: 10.6 x 8.0 [mm]
Thickness: 0.58 [mm] max
Pitch: 9.5 [mm]
Glob Top: Clear, Round:
6.9 [mm]
Æ
Ordering Code: 09HT-00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com