Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51IC2 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89LP51IC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51IC2 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89LP51IC2 Datasheet HTML 3Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 4Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 5Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 6Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 7Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 8Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 9Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 10Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 254 page
background image
7
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
AT89LP51RB2/RC2/IC2 also includes a compatibility mode that will enable classic 12 clock per
machine cycle operation for true timing compatibility with the Atmel AT89C51RB2/RC2/IC2.
The AT89LP51RB2/RC2/IC2 retains all of the standard features of the AT89C51RB2/RC2/IC2,
including: 24KB/32KB of In-System Programmable Flash program memory, 256 bytes of RAM,
1152 bytes of expanded RAM, up to 40 I/O lines, three 16-bit timer/counters, a Programmable
Counter Array, a programmable hardware watchdog timer, a keyboard interface, a full-duplex
enhanced serial port, a serial peripheral interface (SPI), on-chip crystal oscillator, and a four-
level, ten-vector interrupt system. A block diagram is shown in Figure 2-1.
In addition, the Atmel® AT89LP51RB2/RC2/IC2 provides a Two-Wire Interface (TWI) for up to
400KB/s serial transfer; a 10-bit, 8-channel Analog-to-Digital Converter (ADC) with temperature
sensor and digital-to-analog (DAC) mode; two analog comparators; and an 8MHz internal
oscillator.
Some standard features on the AT89LP51RB2/RC2/IC2 are enhanced with new modes or oper-
ations. Mode 0 of Timer 0 or Timer 1 acts as a variable 9–16 bit timer/counter and Mode 1 acts
as a 16-bit auto-reload timer/counter. In addition, each timer/counter may independently drive an
8-bit precision pulse width modulation output. Mode 0 (synchronous mode) of the serial port
allows flexibility in the phase/polarity relationship between clock and data.
The I/O ports of the AT89LP51RB2/RC2/IC2 can be independently configured in one of four
operating modes. In quasi-bidirectional mode, the ports operate as in the classic 8051. In input-
only mode, the ports are tristated. Push-pull output mode provides full CMOS drivers and open-
drain mode provides just a pull-down. Unlike other 8051s, this allows Port 0 to operate with on-
chip pull-ups if desired.
The AT89LP51RB2/RC2/IC2 includes an On-Chip Debug (OCD) interface that allows read-mod-
ify-write capabilities of the system state and program flow control, and programming of the
internal memories. The on-chip Flash may also be programmed through the UART-based boot-
loader or the SPI-based In-System programming interface (ISP).
The TWI and OCD features are not available on the PDIP package. The AT89LP51IC2 is also
not available in the PDIP.
The features of the AT89LP51RB2/RC2/IC2 make it a powerful choice for applications that need
pulse width modulation, high speed I/O, and counting capabilities such as alarms, motor control,
corded phones, and smart card readers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com