Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51IC2 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT89LP51IC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51IC2 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT89LP51IC2 Datasheet HTML 45Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 46Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 47Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 48Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 49Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 50Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 51Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 52Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 254 page
background image
49
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 6-7.
Peripheral Clock Selection
SIX2
UART Clock. In Compatibility Mode, clear for one system clock period per peripheral clock cycle and set for two clock
periods per peripheral clock cycle (only valid when X2 = 1). In Fast Mode, clear for one system clock period and set for
TPS+1 clocks per peripheral clock cycle. This bit affects the generated baud rate during modes 0 and 2.
T2X2
Timer 2 Clock. In Compatibility Mode, clear for TPS+1 system clock periods per peripheral clock cycle and set for
2(TPS+1) clock periods per peripheral clock cycle. In Fast Mode, clear for one system clock period and set for TPS+1
clocks per peripheral clock cycle. This bit affects the timer increment/decrement rate.
T1X2
Timer 1 Clock. In Compatibility Mode, clear for TPS+1 system clock periods per peripheral clock cycle and set for
2(TPS+1) clock periods per peripheral clock cycle. In Fast Mode, clear for one system clock period and set for TPS+1
clocks per peripheral clock cycle. This bit affects the timer increment rate.
T0X2
Timer 0 Clock. In Compatibility Mode, clear for TPS+1 system clock periods per peripheral clock cycle and set for
2(TPS+1) clock periods per peripheral clock cycle. In Fast Mode, clear for one system clock period and set for TPS+1
clocks per peripheral clock cycle. This bit affects the timer increment rate.
X2
CPU Clock. In Compatibility Mode, clear for 12 clock periods per machine cycle and set for 6 clock periods per machine
cycle. In Fast Mode, clear for two clock periods per instruction cycle and set for one clock periods per instruction cycle.
The default state of X2 is set by the X2 Fuse. See Section 24.2 on page 188.
Symbol
Function
SYSTEM CLOCK
÷2
0
1
T0X2
÷(TPS+1)
Timer 0
÷2
0
1
Timer 1
T1X2
0
1
Timer 2
T2X2
0
1
Watchdog
WDX2
0
1
PCA
(CPS = 00B)
PCAX2
0
1
PCA
(CPS = 01B)
PCAX2
SIX2 & X2
UART
0
1
SPIX2 & X2
SPI
0
1
TWIX2 & X2
TWI
0
1
SYSTEM CLOCK
0
1
T0X2
÷(TPS+1)
Timer 0
÷2
0
1
Timer 1
T1X2
0
1
Timer 2
T2X2
0
1
Watchdog
WDX2
0
1
PCA
(CPS = 00B)
PCAX2
0
1
PCA
(CPS = 01B)
PCAX2
SIX2 & X2
UART
0
1
SPIX2 & X2
SPI
0
1
TWIX2 & X2
TWI
0
1
Fast Mode
Compatibility Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com