Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51IC2 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LP51IC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51IC2 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LP51IC2 Datasheet HTML 1Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 2Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 3Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 4Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 5Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 6Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 7Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 8Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 254 page
background image
Features
• 8-bit Microcontroller Compatible with 8051 Products
• Enhanced 8051 Architecture
– Single Clock Cycle per Byte Fetch
– 12 Clock per Machine Cycle Compatibility Mode
– Up to 20 MIPS Throughput at 20 MHz Clock Frequency
– Fully Static Operation: 0 Hz to 20 MHz
– On-chip 2-cycle Hardware Multiplier
– 16x16 Multiply–Accumulate Unit
– 256 x 8 Internal RAM
– On-chip 1152 Bytes Expanded RAM (ERAM)
• Software Selectable Size (0, 256, 512, 768, 1024 or 1152 Bytes)
– Dual Data Pointers
– 4-level Interrupt Priority
• Nonvolatile Program and Data Memory
– 24KB/32KB of In-System Programmable (ISP) Flash Program Memory
– 512-byte User Signature Array
– Endurance: 10,000 Write/Erase Cycles
– Serial Interface for Program Downloading
– 2KB Boot ROM Contains Low Level Flash Programming Routines and a Default
Serial Bootloader
• Peripheral Features
– Three 16-bit Enhanced Timer/Counters
– Seven 8-bit PWM Outputs
– 16-bit Programmable Counter Array
• High Speed Output, Compare/Capture
• Pulse Width Modulation, Watchdog Timer Capabilities
– Enhanced UART with Automatic Address Recognition and Framing
Error Detection
– Enhanced Master/Slave SPI with Double-buffered Send/Receive
– Two Wire Interface 400K bit/s
– Programmable Watchdog Timer with Software Reset
– 8 General-purpose Interrupt and Keyboard Interface Pins
• Special Microcontroller Features
– Dual Oscillator Support: Crystal, 32 kHz Crystal, 8 MHz Internal (AT89LP51IC2)
– Two-wire On-Chip Debug Interface
– Brown-out Detection and Power-on Reset with Power-off Flag
– Selectable Polarity External Reset Pin
– Low Power Idle and Power-down Modes
– Interrupt Recovery from Power-down Mode
– 8-bit Clock Prescaler
• I/O and Packages
– Up to 40 Programmable I/O Lines
– Green (Pb/Halide-free) PLCC44, VQFP44, QFN44. PDIP40
– Configurable I/O Modes
• Quasi-bidirectional (80C51 Style), Input-only (Tristate)
• Push-pull CMOS Output, Open-drain
• Operating Conditions
– 2.4V to 5.5V VCC Voltage Range
–-40
° C to 85°C Temperature Range
– 0 to 20 MHz @ 2.4V–5.5V (Single-cycle)
8-bit Flash
Microcontroller
with 24K/32K
bytes Program
Memory
AT89LP51RB2
AT89LP51RC2
AT89LP51IC2
Preliminary
3722A–MICRO–10/11


Similar Part No. - AT89LP51IC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
More results

Similar Description - AT89LP51IC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
5Mb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RB2 ATMEL-AT89LP51RB2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
AT89LP52 ATMEL-AT89LP52_14 Datasheet
4Mb / 117P
8-bit Microcontroller Compatible with 8051 Products
AT89LP213 ATMEL-AT89LP213_14 Datasheet
2Mb / 98P
8-bit Microcontroller Compatible with MCS51 Products
AT89LP828 ATMEL-AT89LP828_14 Datasheet
4Mb / 149P
8-bit Microcontroller Compatible with MCS짰51 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com