Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51IC2 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89LP51IC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51IC2 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89LP51IC2 Datasheet HTML 9Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 10Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 11Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 12Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 13Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 14Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 15Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 16Page - ATMEL Corporation AT89LP51IC2 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 254 page
background image
13
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
3.
Memory Organization
The AT89LP51RB2/RC2/IC2 uses a Harvard Architecture with separate address spaces for pro-
gram and data memory. The program memory has a regular linear address space with support
for 64K bytes of directly addressable application code. The data memory has 256 bytes of inter-
nal RAM and 128 bytes of Special Function Register I/O space. The AT89LP51RB2/RC2/IC2
supports up to 64K bytes of external data memory, with portions of the external data memory
space implemented on chip as nonvolatile Flash data memory. External program memory is
supported for addresses above 32K in some configurations. The memory address spaces of the
AT89LP51RB2/RC2/IC2 are listed in Table 3-1.
Note:
1. The size of the EDATA space is configurable with the XRS bits in AUXR.
3.1
Program Memory
The AT89LP51RB2/RC2/IC2 contains 24K/32K bytes of on-chip In-System Programmable Flash
memory for programstorage, plus support for up to 40K/32K bytes of external program memory.
The Flash memory has an endurance of at least 10,000 write/erase cycles and a minimum data
retention time of 10 years. The reset and interrupt vectors are located within the first 83 bytes of
program memory (refer to Table 9-1 on page 59). Constant tables can be allocated within the
entire 64K program memory address space for access by the MOVC instruction. A map of the
AT89LP51RB2/RC2/IC2 program memory is shown in Figure 3-1. See Section 24. “Flash Mem-
ory Programming” on page 185 for more information on programming the flash memory.
Table 3-1.
AT89LP51RB2/RC2/IC2 Memory Address Spaces
Name
Description
Range
DATA
Directly addressable internal RAM
00H–7FH
IDATA
Indirectly addressable internal RAM and stack space
00H–FFH
SFR
Directly addressable I/O register space
80H–FFH
EDATA
On-chip Extra RAM and extended stack space
0000H–03FFH(1)
XDATA
External data memory
0000H–FFFFH
CODE
On-chip nonvolatile Flash program memory (AT89LP51RB2)
0000H–5FFFH
On-chip nonvolatile Flash program memory (AT89LP51xC2)
0000H–7FFFH
XCODE
External program memory (AT89LP51RB2)
6000H–FFFFH
External program memory (AT89LP51xC2)
8000H–FFFFH
SIG
On-chip nonvolatile Flash signature array
0000H–01FFH
BOOT
On-chip Bootloader ROM and Flash API
F800H–FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com