Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C31 Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # GMS90C31
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C31 Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button GMS90C31 Datasheet HTML 16Page - Hynix Semiconductor GMS90C31 Datasheet HTML 17Page - Hynix Semiconductor GMS90C31 Datasheet HTML 18Page - Hynix Semiconductor GMS90C31 Datasheet HTML 19Page - Hynix Semiconductor GMS90C31 Datasheet HTML 20Page - Hynix Semiconductor GMS90C31 Datasheet HTML 21Page - Hynix Semiconductor GMS90C31 Datasheet HTML 22Page - Hynix Semiconductor GMS90C31 Datasheet HTML 23Page - Hynix Semiconductor GMS90C31 Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
GMS90 Series
16
Oct. 2000 Ver 3.1a
Table 2. Special Function Registers - Functional Blocks
Block
Symbol
Name
Address
Contents
after Reset
CPU
ACC
B
DPH
DPL
PSW
SP
Accumulator
B-Register
Data Pointer, High Byte
Data Pointer, Low Byte
Program Status Word Register
Stack Pointer
E0H 1)
F0H 1)
83H
82H
D0H 1)
81H
1) Bit-addressable Special Function register
00H
00H
00H
00H
00H
07H
Interrupt System
IE
IP
Interrupt Enable Register
Interrupt Priority Register
A8H 1)
B8H 1)
0X000000B 2)
XX000000B 2)
2) X means that the value is indeterminate and the location is reserved
Ports
P0
P1
P2
P3
Port 0
Port 1
Port 2
Port 3
80H 1)
90H 1)
A0H 1)
B0H 1)
FFH
FFH
FFH
FFH
Serial Channels
PCON 3)
SBUF
SCON
3) This special function register is listed repeatedly since some bit of it also belong to other functional blocks
Power Control Register
Serial Channel Buffer Reg.
Serial Channel 0 Control Reg.
87H
99H
98H 1)
0XXX0000B 2)
XXH 2)
00H
Timer 0/ Timer 1
TCON
TH0
TH1
TL0
TL1
TMOD
Timer 0/1 Control Register
Timer 0, High Byte
Timer 1, High Byte
Timer 0, Low Byte
Timer 1, Low Byte
Timer Mode Register
88H 1)
8CH
8DH
8AH
8BH
89H
00H
00H
00H
00H
00H
00H
Timer 2
T2CON
T2MOD
RC2H
RC2L
TH2
TL2
AUXR0 4)
4) The AUXR0 is in the GMS9XX54/56/58 only.
Timer 2 Control Register
Timer 2 Mode Register
Timer 2 Reload Capture Reg., High Byte
Timer 2 Reload Capture Reg., Low Byte
Timer 2, High Byte
Timer 2, Low Byte
Aux. Register 0
C8H 1)
C9H
CBH
CAH
CDH
CCH
8EH
00H
00H
00H
00H
00H
00H
XXXXXXX0B 2)
Power
Saving
Modes
PCON 3)
Power Control Register
87H
0XXX0000B 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com