Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C31 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GMS90C31
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C31 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GMS90C31 Datasheet HTML 1Page - Hynix Semiconductor GMS90C31 Datasheet HTML 2Page - Hynix Semiconductor GMS90C31 Datasheet HTML 3Page - Hynix Semiconductor GMS90C31 Datasheet HTML 4Page - Hynix Semiconductor GMS90C31 Datasheet HTML 5Page - Hynix Semiconductor GMS90C31 Datasheet HTML 6Page - Hynix Semiconductor GMS90C31 Datasheet HTML 7Page - Hynix Semiconductor GMS90C31 Datasheet HTML 8Page - Hynix Semiconductor GMS90C31 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
GMS90 Series
Oct. 2000 Ver 3.1a
Device Naming Structure
GMS90X5X
Frequency
Package Type
Blank:
24:
40:
12MHz
24MHz
40MHz
Blank:
PL:
Q:
40PDIP
44PLCC
44MQFP
ROM Code serial No.
ROM size
1:
2:
4:
4k bytes
8k bytes
16k bytes
6:
8:
24k bytes
32k bytes
Operating Voltage
C:
L:
4.25~5.5V
2.7~3.6V
-GBXXX XX XX
GMS97X5X
Frequency
Package Type
Blank:
H:
12/24(5V),12MHz(3V)
33MHz
Blank:
PL:
Q:
40PDIP
44PLCC
44MQFP
ROM size
1:
2:
4:
4k bytes
8k bytes
16k bytes
6:
8:
24k bytes
32k bytes
Operating Voltage
C:
L:
4.25~5.5V
2.7~3.6V
XX
X
16:
16MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com