Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C31 Datasheet(PDF) 28 Page - Hynix Semiconductor

Part # GMS90C31
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C31 Datasheet(HTML) 28 Page - Hynix Semiconductor

Back Button GMS90C31 Datasheet HTML 24Page - Hynix Semiconductor GMS90C31 Datasheet HTML 25Page - Hynix Semiconductor GMS90C31 Datasheet HTML 26Page - Hynix Semiconductor GMS90C31 Datasheet HTML 27Page - Hynix Semiconductor GMS90C31 Datasheet HTML 28Page - Hynix Semiconductor GMS90C31 Datasheet HTML 29Page - Hynix Semiconductor GMS90C31 Datasheet HTML 30Page - Hynix Semiconductor GMS90C31 Datasheet HTML 31Page - Hynix Semiconductor GMS90C31 Datasheet HTML 32Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
GMS90 Series
24
Oct. 2000 Ver 3.1a
Power Saving Modes
Two power down modes are available, the Idle Mode and Power Down Mode.
The bits PDE and IDLE of the register PCON select the Power Down mode or the Idle mode, respectively. If
the Power Down mode and the Idle mode are set at the same time, the Power Down mode takes precedence.
Table 10 gives a general overview of the power saving modes.
In the Power Down mode of operation, VCC can be reduced to minimize power consumption. It must be ensured,
however, that VCC is not reduced before the Power Down mode is invoked, and that VCC is restored to its normal
operating level, before the Power Down mode is terminated. The reset signal that terminates the Power Down
mode also restarts the oscillator. The reset should not be activated before VCC is restored to its normal operating
level and must be held active long enough to allow the oscillator to restart and stabilize (similar to power-on
reset).
Table 10. Power Saving Modes Overview
Mode
Entering
Instruction
Example
Leaving by
Remarks
Idle mode
ORL PCON, #01H
- Enabled interrupt
- Hardware Reset
CPU is gated off
CPU status registers maintain their
data.
Peripherals are active
Power-Down mode
ORL PCON, #02H
Hardware Reset
Oscillator is stopped, contents of on-
chip RAM and SFR’s are maintained
(leaving Power Down Mode means
redefinition of SFR contents).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com