Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C31 Datasheet(PDF) 59 Page - Hynix Semiconductor

Part # GMS90C31
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C31 Datasheet(HTML) 59 Page - Hynix Semiconductor

Back Button GMS90C31 Datasheet HTML 51Page - Hynix Semiconductor GMS90C31 Datasheet HTML 52Page - Hynix Semiconductor GMS90C31 Datasheet HTML 53Page - Hynix Semiconductor GMS90C31 Datasheet HTML 54Page - Hynix Semiconductor GMS90C31 Datasheet HTML 55Page - Hynix Semiconductor GMS90C31 Datasheet HTML 56Page - Hynix Semiconductor GMS90C31 Datasheet HTML 57Page - Hynix Semiconductor GMS90C31 Datasheet HTML 58Page - Hynix Semiconductor GMS90C31 Datasheet HTML 59Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 59 / 59 page
background image
MASK ORDER & VERIFICATION SHEET
GMS90X5X-GB
1. Customer Information
Company Name
2. Device Information
3. Marking Specification
4. Delivery Schedule
Customer Sample
Date
Risk Order
YYYY
MM
DD
Quantity
Hynix Confirmation
Application
Order Date
YY YY
MM
D D
Tel:
Fax:
Name &
Signature:
Package
HYNIX
YYW W
KOREA
5. ROM Code Verification
Verification D ate:
YYYY
MM
DD
Approval Date:
YYYY
MM
DD
P lease confirm our verification data.
I agree w ith your verification data and confirm you to
make mask set.
Check Sum:
Tel:
Fax:
Name &
Signature:
Tel:
Fax:
Name &
Signature:
Hitel
Chollian
Internet
File Name: (
.HEX)
(Please check mark into
)
////////
////////
////////
////////Hynix semiconductor
pcs
Check Sum:
Customer should write inside thick line box.
This box is written after “5.Verification”.
ROM size
4K
Vol./Freq.
GMS90
-G B
©SIEMENS ’92
5
Custom er’s part num ber
Without
HYNIX
YYW W
KO REA
90
-G B
©SIEMENS ’92
5
40PDIP or 44PLCC
44M Q FP
C: 5V
L: 3V
RO M size
1: 4K
2: 8K
4: 16K
6: 24K
8: 32K
YYYY
MM
DD
pcs
8K
16K
24K
32K
44MQFP
44PLCC
40PDIP
12MHz
24MHz
40MHz
12MHz
16MHz
5V
3V
Normal
Super
ROM: 16,24,32K
ROM: 4K,8K
ROM Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com