Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1660 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1660
Description  Incoming Call Line Identification (ICLID) Receiver with Ring Detection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1660 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1660 Datasheet HTML 1Page - Integrated Circuit Systems ICS1660 Datasheet HTML 2Page - Integrated Circuit Systems ICS1660 Datasheet HTML 3Page - Integrated Circuit Systems ICS1660 Datasheet HTML 4Page - Integrated Circuit Systems ICS1660 Datasheet HTML 5Page - Integrated Circuit Systems ICS1660 Datasheet HTML 6Page - Integrated Circuit Systems ICS1660 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pin Descriptions
PIN NUMBER
NAME
DESCRIPTION
DIP
SO
1
1
VDD
Supply voltage pin to external circuits. Output of 5.0 volt regulator.
2
2
RING
Ring detect output signal to the host microprocessor.
3
3
POSTF
Post loop filter signal used by demodulator.
4
4
LFILTER
Loop filter for PLL.
5
5
LINEAFILTER
Filter input from line “A.”
6
6
VCOSET
Center frequency adjustment pin.
7
7
LINEA
“Tip” input from telephone line.
8
8
LINEB
“Ring” input from telephone line.
9
9
VSS
Ground.
10
11
FILTER2
Active filter pin.
11
12
FILTEROUT
Active filter pin.
12
13
AMPIN
Input from active filter.
13
14
FILTER3
Active filter pin.
14
15
LINEBFILTER
Filter input from line “B.”
15
16
FILTER1
Active filter pin.
16
17
PWR
Logic input signal to switch from low current standby mode.
17
18
FSK/BAT
Multiplexed output signal controlled by PWR pin. In standby mode, this is a
low battery (active low) signal. During FSK demodulation, this is the data line
to the
µP (mark = high).
18
19
VIN
Input power supply pin.
10
20
NC on SOIC
ICS1660
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com