Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1660 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1660
Description  Incoming Call Line Identification (ICLID) Receiver with Ring Detection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1660 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1660 Datasheet HTML 1Page - Integrated Circuit Systems ICS1660 Datasheet HTML 2Page - Integrated Circuit Systems ICS1660 Datasheet HTML 3Page - Integrated Circuit Systems ICS1660 Datasheet HTML 4Page - Integrated Circuit Systems ICS1660 Datasheet HTML 5Page - Integrated Circuit Systems ICS1660 Datasheet HTML 6Page - Integrated Circuit Systems ICS1660 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
ICS1660
Incoming Call Line Identification (ICLID) Receiver
with Ring Detection
Features
•• Ring Detection
•• Low Battery Detection
•• Internal 5V Regulator - can externally source 25mA
•• FSK Demodulation
•• Power-down in Standby Mode
•• Direct Interface to Host Microprocessor or
Microcomputer
Applications
•• Telephones
•• Facsimile Machines
•• Modems
•• Telephone Interface Equipment
•• Stand-alone ICLID products
Description
The ICS1660 “ICLID” circuit is a monolithic CMOS VLSI
device that decodes and detects the Frequency Shift Keying
(FSK) signals used in caller identification telephone service.
The ICS1660, when used in conjunction with some external
components, amplifies, filters and demodulates the FSK
data transmitted from the central office to the telephone
subscriber.
The ICS1660 detects the first power ring signal and demodu-
lates the 1200 baud FSK data transmitted during the silent
interval between the first and second power ring. The FSK data
is transmitted from the central office switch to the subscriber
line as part of the CLASS service of Calling Number Delivery
(CND). This data is then demodulated, amplified and filtered
by the ICS1660 and digitally transmitted to the host control-
ler/processor.
The ICS1660 is designed to be powered by any off-the-shelf
9.0 volt battery. The on-chip 5.0 voltage regulator powers the
host microprocessor and any external circuitry supported by
the ICS1660. This portion of the circuit can be overridden by
connecting the VIN pin (18) to the VDD pin (1) for a common
power supply. A low battery detection circuit is also provided
on-chip and signals the microprocessor on the FSK/BAT pin
(17) when the PWR pin (16) input is pulled low.
TO LINE
TO PHONE
Surge and
Lightning
Protection
2 x 16 LCD
Display
AC/DC
Adapter
DC
Jack
KEYPAD
External
Memory
(RAM/EPROM)
8
Data
3
Control
ICS1660
Rng Detect
FSK Demodulation
Signal Conditioning
Low Battery Detect
Power-down
Standby
Voltage
Regulation
9VDC
+5VDC
Micro-
Controller
ICLID Block Diagram
ICS1660RevA100694


Similar Part No. - ICS1660

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS162834 ICST-ICS162834 Datasheet
73Kb / 7P
18-Bit 3.3V Registered Buffer
ICS162834AG-T ICST-ICS162834AG-T Datasheet
73Kb / 7P
18-Bit 3.3V Registered Buffer
ICS162835 ICST-ICS162835 Datasheet
74Kb / 7P
18-Bit 3.3V Registered Buffer
ICS162835AG-T ICST-ICS162835AG-T Datasheet
74Kb / 7P
18-Bit 3.3V Registered Buffer
ICS16857 ICST-ICS16857 Datasheet
119Kb / 8P
DDR 14-Bit Registered Buffer
Rev D 07/09/01
More results

Similar Description - ICS1660

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
Calling Number Identification Receiver IC
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
Holtek Semiconductor In...
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
Calling line identification receiver
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
Calling Line Identification (CLID) Receiver with Ring Detector
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
Calling Line Identification Receiver
December 20, 2016
logo
TE Connectivity Ltd
C-3-1419145-0 TEC-C-3-1419145-0 Datasheet
106Kb / 2P
add line identification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com